Electronic Components Datasheet Search
  English  ▼

X  

2140 Datasheet(PDF) 2 Page - Bivar, Inc.

Part # 2140
Description  IP67 Rigid Heavy Duty Light Pipe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

2140 Datasheet(HTML) 2 Page - Bivar, Inc.

  2140 Datasheet HTML 1Page - Bivar, Inc. 2140 Datasheet HTML 2Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CUSTOMER USE DRAWING
C
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING
2
2
SHEET #
OF
DRAWING NO:
REVISION:
RHD-XXXX-XXXX-F9PX67PR
SCALE:
2:1
SHEET SIZE:
CAGE CODE:
32559
A
TABLE 3 - LENS APPEARANCE
ORDER CODE
LENS APPEARANCE
Z
FRESNEL CLEAR
ZB
FRESNEL BLUE
ZG
FRESNEL GREEN
ZR
FRESNEL RED
ZY
FRESNEL YELLOW
(BLANK)
CLEAR
D
DIFFUSED
S
SMOKED
TABLE 2 - VERTICAL LIGHT PIPE
ORDER CODE
LENGTH (L)
1140
1.132 [28.8mm]
1390
1.382 [30.1mm]
1640
1.632 [41.5mm]
1890
1.882 [47.8mm]
2140
2.132 [54.2mm]
2390
2.382 [60.5mm]
H = .886"
L = 1.996"
FRESNEL BLUE LENS
9mm LENS
SAMPLE PART NUMBER - ANGLED LIGHT PIPE
RHD-0900-2000-F9PZB67PR
TABLE 1 - ANGLED LIGHT PIPE
ORDER CODE
HEIGHT (H)
LENGTH (L)
0700-1500
.686 [17.4mm]
1.496 [38.0mm]
0700-2000
1.996 [50.7mm]
0700-2500
2.496 [63.4mm]
0700-3000
2.996 [76.1mm]
0700-3500
3.496 [88.8mm]
0900-1500
.886" [22.5mm]
1.496 [38.0mm]
0900-2000
1.996 [50.7mm]
0900-2500
2.496 [63.4mm]
0900-3000
2.996 [76.1mm]
0900-3500
3.496 [88.8mm]
1100-1500
1.136 [28.9mm]
1.496 [38.0mm]
1100-2000
1.996 [50.7mm]
1100-2500
2.496 [63.4mm]
1100-3000
2.996 [76.1mm]
1100-3500
3.496 [88.8mm]
SAMPLE PART NUMBER - VERTICAL LIGHT PIPE
RHD-1640-F9PZB67PR
9mm LENS
FRESNEL BLUE LENS
L = 1.632"



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com