Electronic Components Datasheet Search
  English  ▼

X  

LMX2486 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2486
Description  1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2486 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LMX2486 Datasheet HTML 29Page - National Semiconductor (TI) LMX2486 Datasheet HTML 30Page - National Semiconductor (TI) LMX2486 Datasheet HTML 31Page - National Semiconductor (TI) LMX2486 Datasheet HTML 32Page - National Semiconductor (TI) LMX2486 Datasheet HTML 33Page - National Semiconductor (TI) LMX2486 Datasheet HTML 34Page - National Semiconductor (TI) LMX2486 Datasheet HTML 35Page - National Semiconductor (TI) LMX2486 Datasheet HTML 36Page - National Semiconductor (TI) LMX2486 Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Programming Description (Continued)
2.8 R7 REGISTER
REGISTER 23 22 21 20 19 18 17 16 15 14
13
12 11 10 9 8
7
6
5
4
3210
Data[19:0]
C3 C2 C1 C0
R7
0000000000 DIV4 0
1
0 0 0 IF_RST RF_RST IF_CPT RF_CPT
1111
2.8.1 DIV4 -- RF Digital Lock Detect Divide By 4
Because the digital lock detect function is based on a phase error, it becomes more difficult to detect a locked condition for larger
comparison frequencies. When this bit is enabled, it subdivides the RF PLL comparison frequency (it does not apply to the IF
comparison frequency) presented to the digital lock detect circuitry by 4. This enables this circuitry to work at higher comparison
frequencies. It is recommended that this bit be enabled whenever the comparison frequency exceeds 20 MHz and RF digital lock
detect is being used.
2.8.2 IF_RST -- IF PLL Counter Reset
When this bit is enabled, the IF PLL N and R counters are reset, and the charge pump is put in a TRI-STATE condition. This
feature should be disabled for normal operation. Note that a counter reset is applied whenever the chip is powered up via software
or CE pin.
IF_RST
IF PLL N and R Counters
IF PLL Charge Pump
0 (Default)
Normal Operation
Normal Operation
1
Counter Reset
TRI-STATE
2.8.3 RF_RST -- RF PLL Counter Reset
When this bit is enabled, the RF PLL N and R counters are reset and the charge pump is put in a TRI-STATE condition. This
feature should be disabled for normal operation. This feature should be disabled for normal operation. Note that a counter reset
is applied whenever the chip is powered up via software or CE pin.
RF_RST
RF PLL N and R Counters
RF PLL Charge Pump
0 (Default)
Normal Operation
Normal Operation
1
Counter Reset
TRI-STATE
2.8.4 RF_TRI -- RF Charge Pump TRI-STATE
When this bit is enabled, the RF PLL charge pump is put in a TRI-STATE condition, but the counters are not reset. This feature
is typically disabled for normal operation.
RF_TRI
RF PLL N and R Counters
RF PLL Charge Pump
0 (Default)
Normal Operation
Normal Operation
1
Normal Operation
TRI-STATE
2.8.5 IF_TRI -- IF Charge Pump TRI-STATE
When this bit is enabled, the IF PLL charge pump is put in a TRI-STATE condition, but the counters are not reset. This feature
is typically disabled for normal operation.
IF_TRI
IF PLL N and R Counters
IF PLL Charge Pump
0 (Default)
Normal Operation
Normal Operation
1
Normal Operation
TRI-STATE
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com