Electronic Components Datasheet Search
  English  ▼

X  

R2S15902FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2S15902FP
Description  6ch Electronic Volume with 4 Input Selector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15902FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R2S15902FP Datasheet HTML 3Page - Renesas Technology Corp R2S15902FP Datasheet HTML 4Page - Renesas Technology Corp R2S15902FP Datasheet HTML 5Page - Renesas Technology Corp R2S15902FP Datasheet HTML 6Page - Renesas Technology Corp R2S15902FP Datasheet HTML 7Page - Renesas Technology Corp R2S15902FP Datasheet HTML 8Page - Renesas Technology Corp R2S15902FP Datasheet HTML 9Page - Renesas Technology Corp R2S15902FP Datasheet HTML 10Page - Renesas Technology Corp R2S15902FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
R2S15902FP
Rev.1.0 Nov 22, 2005 page 7 of 15
Setting Code
It’s initial setting when power is turned on.
(1) Input Selector
Setting
D0a
D1a
D2a
ALL OFF
0
0
0
IN1
0
1
0
IN2
1
0
0
IN3
1
1
0
IN4*1
0
0
1
Note: No guarantee except for these codes.
(2) REC Output
REC output
REC1
Setting
D3a
OFF
0
ON
1*1
*1: When IN4 selected, REC1 can not use.
IN4
REC1
D0a
D1a
D2a
D3a
ON
OFF
0
0
1
1
(3) REC-Output Gain Control
Gain setting
D4a
D5a
0dB
0
0
+2dB
0
1
+4dB
1
0
+6dB
1
1
(4) ADC Input ATT
*2
ATT setting
D6a
D7a
0dB
0
0
–6dB
0
1
–12dB
1
0
–18dB
1
1
*2: When L
± R selected, ADC input ATT can not use.
(5) L/R Input
Setting
D8a
Selector in
0
Multi in
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com