Electronic Components Datasheet Search
  English  ▼

X  

FS20C20CT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FS20C20CT
Description  20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FS20C20CT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FS20C20CT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FS20C20CT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS20C20CT thru FS20C120CT
Pb Free Plating Product
FS20C20CT thru FS20C120CT
Pb
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.07T
Features
TO-263AB/D2PAK
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※Case:Surface Mount TO-263AB/D2PAK package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 1.8 gram approximately
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
100
Typical Thermal Resistance (Note 3)
2.0
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x10.0A=20.0A)
20.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
200
Maximum Instantaneous Forward Voltage
@10.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
5.0
500
1.40-1.80
FS20C20CT
FS20C40CT
FS20C60CT
FS20C80CT
FS20C100CT
FS20C120CT
35-50
50-75
0.90-1.10
1.10-1.40
1.40-1.80
V
FS20C30CT
Positive
Negative
Common Cathode
Common Anode
Doubler
Doubler Polarity
Series
Series Connection
Prefix "FS20A"
Prefix "FS20D"
Prefix "FS20S"
Prefix "FS20C"
Case
Case
Case
Case


Similar Part No. - FS20C20CT

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS20 XPPOWER-FS20 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
TE Connectivity Ltd
FS20 TEC-FS20 Datasheet
165Kb / 4P
Essentially Unlimited Cycle Life Expectancy
logo
TRIAD MAGNETICS
FS20-055 TRIAD-FS20-055 Datasheet
47Kb / 1P
FS20-055
logo
List of Unclassifed Man...
FS20-055 ETC2-FS20-055 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS20-055-C2 TRIAD-FS20-055-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
More results

Similar Description - FS20C20CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U20D20C THINKISEMI-U20D20C_04 Datasheet
1Mb / 3P
20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
FMU31S THINKISEMI-FMU31S Datasheet
1,013Kb / 3P
20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
FMX31S THINKISEMI-FMX31S Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
MURB2020CT THINKISEMI-MURB2020CT Datasheet
762Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
U2020G THINKISEMI-U2020G Datasheet
762Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
20S20FA THINKISEMI-20S20FA Datasheet
736Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
TURB2020CTG THINKISEMI-TURB2020CTG Datasheet
741Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR2020CT THINKISEMI-MUR2020CT Datasheet
274Kb / 2P
20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MURB2020CT THINKISEMI-MURB2020CT_V01 Datasheet
465Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020PT THINKISEMI-MUR2020PT Datasheet
355Kb / 2P
20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com