Electronic Components Datasheet Search
  English  ▼

X  

2SC5787 Datasheet(PDF) 2 Page - NEC

Part # 2SC5787
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5787 Datasheet(HTML) 2 Page - NEC

  2SC5787 Datasheet HTML 1Page - NEC 2SC5787 Datasheet HTML 2Page - NEC 2SC5787 Datasheet HTML 3Page - NEC 2SC5787 Datasheet HTML 4Page - NEC 2SC5787 Datasheet HTML 5Page - NEC 2SC5787 Datasheet HTML 6Page - NEC 2SC5787 Datasheet HTML 7Page - NEC 2SC5787 Datasheet HTML 8Page - NEC 2SC5787 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet PU10070EJ01V0DS
2
2SC5787
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
–
–
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
–
–
100
nA
DC Current Gain
hFE
Note 1
VCE = 1 V, IC = 5 mA
50
–
100
–
RF Characteristics
Gain Bandwidth Product
fT
VCE = 1 V, IC = 20 mA, f = 2 GHz
17
20
–
GHz
Insertion Power Gain
S21e2 VCE = 1 V, IC = 20 mA, f = 2 GHz
11
13
–
dB
Noise Figure
NF
VCE = 1 V, IC = 5 mA, f = 2 GHz,
ZS = Zopt
–1.4
2.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 0.5 V, IE = 0 mA, f = 1 MHz
–
0.22
0.30
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
FB
Marking
B7
hFE Value
50 to 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com