Electronic Components Datasheet Search
  English  ▼

X  

HAT2114R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2114R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2114R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2114R Datasheet HTML 1Page - Renesas Technology Corp HAT2114R Datasheet HTML 2Page - Renesas Technology Corp HAT2114R Datasheet HTML 3Page - Renesas Technology Corp HAT2114R Datasheet HTML 4Page - Renesas Technology Corp HAT2114R Datasheet HTML 5Page - Renesas Technology Corp HAT2114R Datasheet HTML 6Page - Renesas Technology Corp HAT2114R Datasheet HTML 7Page - Renesas Technology Corp HAT2114R Datasheet HTML 8Page - Renesas Technology Corp HAT2114R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HAT2114R, HAT2114RJ
Rev.1.00, Oct.06.2003, page 2 of 9
Absolute Maximum Ratings
(Ta = 25
°C)
Ratings
Item
Symbol
HAT2114R
HAT2114RJ
Unit
Drain to source voltage
VDSS
60
60
V
Gate to source voltage
VGSS
±20
±20
V
Drain current
ID
66
A
Drain peak current
ID (pulse)
Note1
48
48
A
Avalanche current
IAP
Note4
—6
A
Avalanche energy
EAR
Note4
—3.08
mJ
Channel dissipation
Pch
Note2
22
W
Channel dissipation
Pch
Note3
33
W
Channel temperature
Tch
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Notes: 1. PW
≤ 10µs, duty cycle ≤ 1%
2. 1 Drive operation: When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10 s
3. 2 Drive operation: When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10 s
4. Value at Tch = 25
°C, Rg ≥ 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com