Electronic Components Datasheet Search
  English  ▼

X  

PMBT2222AM Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMBT2222AM
Description  40 V, 600 mA NPN switching transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMBT2222AM Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMBT2222AM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMBT2222AM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PMBT2222AM
40 V, 600 mA NPN switching transistor
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
500
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
006aab603
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
10. Characteristics
Table 7. Characteristics
Tamb = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A
75
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = 2 mA; IB = 0 A
40
-
-
V
V(BR)EBO
emitter-base
breakdown voltage
IC = 0 A; IE = 100 µA
6
-
-
V
VCB = 60 V; IE = 0 A
-
-
10
nA
ICBO
collector-base cut-off
current
VCB = 60 V; IE = 0 A; Tj = 125 °C
-
-
10
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A
-
-
10
nA
VCE = 10 V; IC = 100 µA
35
-
-
VCE = 10 V; IC = 1 mA
50
-
-
VCE = 10 V; IC = 10 mA
75
-
-
VCE = 10 V; IC = 10 mA; Tamb = -55 °C
35
-
-
VCE = 10 V; IC = 150 mA
[1]
100
-
300
VCE = 1 V; IC = 150 mA
[1]
50
-
-
hFE
DC current gain
VCE = 10 V; IC = 500 mA
[1]
40
-
-
PMBT2222AM
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
21 September 2018
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com