Electronic Components Datasheet Search
  English  ▼

X  

PMBT3904RAZ Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMBT3904RAZ
Description  40 V, 200 mA double NPN switching transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMBT3904RAZ Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMBT3904RAZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMBT3904RAZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PMBT3904RA
40 V, 200 mA double NPN switching transistor
13 September 2018
Product data sheet
1. General description
Double NPN switching transistor in an ultra small DFN1412-6 (SOT1268) leadless Surface-
Mounted Device (SMD) plastic package.
2. Features and benefits
• Leadless ultra small SMD plastic package
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.5 mm
3. Applications
• General-purpose switching and amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
40
V
IC
collector current
-
-
200
mA
hFE
DC current gain
VCE = 1 V; IC = 10 mA
100
180
300


Similar Part No. - PMBT3904RAZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904 PHILIPS-PMBT3904 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 27
PMBT3904 NXP-PMBT3904 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
PMBT3904 PHILIPS-PMBT3904 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
logo
Nexperia B.V. All right...
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
40 V, 200 mA NPN switching transistor
5 November 2020
logo
NXP Semiconductors
PMBT3904-215 PHILIPS-PMBT3904-215 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
More results

Similar Description - PMBT3904RAZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904M NXP-PMBT3904M Datasheet
91Kb / 11P
40 V, 200 mA NPN switching transistor
Rev. 01-21 July 2009
PMBT3904VS NXP-PMBT3904VS Datasheet
93Kb / 11P
40 V, 200 mA NPN/NPN switching transistor
Rev. 01-8 July 2009
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
logo
Nexperia B.V. All right...
PMBT3904MB NEXPERIA-PMBT3904MB Datasheet
229Kb / 11P
40 V, 200 mA NPN switching transistor
MMBT3904-Q NEXPERIA-MMBT3904-Q Datasheet
213Kb / 10P
40 V, 200 mA NPN switching transistor
7 October 2022
PMBT3904-Q NEXPERIA-PMBT3904-Q Datasheet
216Kb / 10P
40 V, 200 mA NPN switching transistor
11 January 2023
PMBT3904M NEXPERIA-PMBT3904M Datasheet
241Kb / 11P
40 V, 200 mA NPN switching transistor
27 March 2023
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
40 V, 200 mA NPN switching transistor
5 November 2020
PMBT3904QA NEXPERIA-PMBT3904QA Datasheet
238Kb / 13P
40 V, 200 mA NPN switching transistor
29 August 2018
PMBT3904VS NEXPERIA-PMBT3904VS Datasheet
231Kb / 10P
40 V, 200 mA NPN/NPN switching transistor
28 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com