Electronic Components Datasheet Search
  English  ▼

X  

ACDBQC40-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBQC40-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBQC40-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBQC40-HF Datasheet HTML 1Page - Comchip Technology ACDBQC40-HF Datasheet HTML 2Page - Comchip Technology ACDBQC40-HF Datasheet HTML 3Page - Comchip Technology ACDBQC40-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACDBQC40-HF
SMD Schottky Barrier Diode
Typ
IO
VR(RMS)
VR
VRM
Average forward rectified current
Reverse voltage
Peak reverse voltage
Symbol
Parameter
Conditions
Min
Max
Unit
RMS reverse voltage
mA
V
V
V
200
28
40
40
IFSM
Peak forward surge current
8.3 ms single half sine-wave superimposed
on rate load (JEDEC method)
A
0.6
PD
Power dissipation
mW
125
TSTG
Tj
Storage temperature range
Operating temperature range
°C
°C
+125
+125
-55
Symbol
Typ
Parameter
Conditions
Min
Max
Unit
Forward voltage
IF = 40mA
IF = 1mA
VF
V
1
0.38
Reverse current
Capacitance between terminals
Reverse recovery time
VR = 30V
f = 1MHz, and 0 VDC reverse voltage
IF = IR = 10mA, Irr = 0.1 x IR, RL = 100 ohm
IR
CT
Trr
µA
pF
nS
5
5
0.2
Comchip Technology CO., LTD.
Io = 200 mA
VR = 40 Volts
RoHS Device
Halogen Free
-65
- Designed for mounting on small surface.
- Extremely thin / leadless package.
- Majority carrier conduction.
- Low reverse current.
Features
Maximum Rating (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.022(0.55)
0.018(0.45)
0.026(0.65)
BSC.
0.012(0.30)
0.008(0.20)
High-Reliability and High-Performance
Circuit Diagram
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.001 grams (approx.).
- Polarity: Indicated by cathode band.
- AEC-Q101 Qualified.
REV:B
Page 1
AQW-G1009


Similar Part No. - ACDBQC40-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBQC42-HF COMCHIP-ACDBQC42-HF Datasheet
476Kb / 4P
SMD Schottky Barrier Diode
REV:B
ACDBQC43-HF COMCHIP-ACDBQC43-HF Datasheet
476Kb / 4P
SMD Schottky Barrier Diode
REV:B
More results

Similar Description - ACDBQC40-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com