Electronic Components Datasheet Search
  English  ▼

X  

TDAP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TDAP
Description  ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TDAP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TDAP Datasheet HTML 1Page - Greystone Energy Systems Inc. TDAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
TDAP SERIES
PRODUCT DESCRIPTION
The TDAP series incorporates a precision platinum
RTD encapsulated in a 6 mm (0.236”) OD, 304
stainless steel probe and is available in various
lengths. All probes provide excellent heat transfer,
fast response and resist moisture penetration. The
transmitter provides a high accuracy signal with
excellent long term stability, low hysteresis and fast
response. It is available with various scaled ranges.
A hinged and gasketed Polycarbonate enclosure is
included, and an LCD is provided in either °C or °F.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type probes are installed through a hole
in the side of the duct to monitor a single point
temperature within the duct. Since the probes are tip
sensitive, select a probe length that places the sensor
well into the duct. Install the probe in a straight
section of duct at a suitable distance downstream
from any heating, cooling or humidification devices.
The enclosure provides mounting tabs for ease of
installation.
NOTE: For immersion applications, a T2 series
thermowell is required. When using a T1 series
thermowell an adapter will be required.
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0.236”)
STANDARD LENGTHS
50, 100, 150, 200, 300, and 400 mm
(2”, 4”, 6”, 8”, 12”, and 18”)
MAXIMUM LOOP CURRENT
20 mA
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.2% of span, including linearity
POWER SUPPLY
15-30 Vdc or 12-28 Vac
CONSUMPTION (MAX)
Current: 20 mA
Voltage: 11 mA
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT DRIVE @ 24 VDC
Current: 700Ω max
Voltage: 20,000Ω min
LCD DISPLAY UNITS
°C or °F (factory configured)
DISPLAY RANGE
3 digit
Negative to Positive Range (-88 to 88)
Positive Range <100 (88.8), >100 (888)
DISPLAY SIZE
38.1mm W x 16.5mm H (1.5” x 0.65”)
DIGIT HEIGHT
11.4mm (0.45”) plus °C/°F symbol
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F), 5 to 95 %RH
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
Various Probe Lengths
See Specifications
116.5 mm
4.58"
0.5" NPT
Foam Gasket
304 Series S/S
53.7 mm
2.11"
6.00 mm
0.236"
112.5 mm
4.43"
99.7 mm
3.93"
DUCT MOUNTING
THERMOWELL MOUNTING
T1-AP THERMOWELL ADAPTER
THERMOWELL PLACEMENT
MOUNTING STYLES


Similar Part No. - TDAP

ManufacturerPart #DatasheetDescription
logo
C&K Components
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
Sharma Electro Componen...
TDA SHARMA-TDA Datasheet
447Kb / 2P
Sharma Tantalum Capacitors
logo
C&K Components
TDA CK-COMPONENTS-TDA Datasheet
242Kb / 3P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
List of Unclassifed Man...
TDA 1190Z ETC-TDA 1190Z Datasheet
601Kb / 8P
LINEAR INTEGRATED CIRCUIT
logo
Infineon Technologies A...
TDA 5211 INFINEON-TDA 5211 Datasheet
1Mb / 52P
ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results

Similar Description - TDAP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDAP GREYSTONE-PS-HATDAP Datasheet
316Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
PS-HATDGL GREYSTONE-PS-HATDGL Datasheet
265Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER WITH LCD
PS-HATXAP GREYSTONE-PS-HATXAP Datasheet
319Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
TDDR GREYSTONE-TDDR Datasheet
212Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TDFL GREYSTONE-TDFL Datasheet
214Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
TDGL GREYSTONE-TDGL Datasheet
216Kb / 2P
GLASS TEMPERATURE TRANSMITTER WITH LCD
TDHR GREYSTONE-TDHR Datasheet
218Kb / 2P
HEAVY DUTY ROOM TEMPERATURE TRANSMITTER WITH LCD
TDSO GREYSTONE-TDSO Datasheet
227Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TXAP GREYSTONE-TXAP Datasheet
322Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE TRANSMITTER
TXRCL GREYSTONE-TXRCL Datasheet
252Kb / 2P
ROOM TEMPERATURE TRANSMITTER WITH LCD
01/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com