Electronic Components Datasheet Search
  English  ▼

X  

TDGL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TDGL
Description  GLASS TEMPERATURE TRANSMITTER WITH LCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TDGL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TDGL Datasheet HTML 1Page - Greystone Energy Systems Inc. TDGL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
GLASS TEMPERATURE TRANSMITTER WITH LCD
TDGL SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
PRODUCT DESCRIPTION
The single point glass temperature sensor utilizes
a precision sensor encapsulated in a 31.75mm L
x 9.525mm W x 9.525 mm H (1.25” x .375” x .375”)
Aluminum probe. Standard wire length is 1.5 m
(5’). The probe is constructed to provide excellent
heat transfer, fast response and is potted to resist
moisture penetration. The transmitter provides
a high accuracy signal with excellent long term
stability, low hysteresis and fast response and is
available with various ranges. A hinged and gasketed
Polycarbonate enclosure is included for ease of
installation. An LCD is provided in either °C or °F.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location on an exterior window
where both the probe and enclosure can be
mounted. On one side apply epoxy compound and
press firmly against the glass. Hold in place until the
epoxy has set.
Enclosure provides mounting tabs for ease of
installation.
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE DIMENSIONS
31.75mm L x 9.525mm H x 9.525mm W (1.25” x 0.375” x 0.375”)
PROBE MATERIAL
Aluminum wafer
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
WIRE LENGTH
1.5m (5’)
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.2% of span, including linearity
POWER SUPPLY
15-30 Vdc or 12-28 Vac
CONSUMPTION (MAX)
Current: 20 mA
Voltage: 11 mA
RESOLUTION
01°C/°F
MAXIMUM LOOP CURRENT
20 mA
MINIMUM LOOP CURRENT
4 mA
MAXIMUM LOOP LOAD
700Ω
MAXIMUM CURRENT (VOLTAGE)
11 mA
MAXIMUM OUTPUT (VOLTAGE)
10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT DRIVE @ 24 VDC
Current: 700Ω max
Voltage: 20,000Ω min
LCD DISPLAY UNITS
°C or °F (factory configured)
DISPLAY RANGE
3 digit
Negative to Positive Range (-88 to 88)
Positive Range <100 (88.8), >100 (888)
DISPLAY SIZE
38.1mm W x 16.5mm H (1.5” x 0.65”)
DIGIT HEIGHT
11.4mm (0.45”) plus °C/°F symbol
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
116.5 mm
4.58"
53.7 mm
2.11"
1.5 m
5’
9.525 mm
0.375"
31.75 mm
1.25"
22 AWG, PVC Insulation
Aluminum


Similar Part No. - TDGL

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TDG ATC-TDG Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AFA ATC-TDG-120-AFA Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AFB ATC-TDG-120-AFB Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AKA ATC-TDG-120-AKA Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AKB ATC-TDG-120-AKB Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
More results

Similar Description - TDGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDGL GREYSTONE-PS-HATDGL Datasheet
265Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER WITH LCD
PS-HATXRCL GREYSTONE-PS-HATXRCL Datasheet
188Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE TRANSMITTER WITH LCD
TDAP GREYSTONE-TDAP Datasheet
236Kb / 2P
ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
01/20
TDDF GREYSTONE-TDDF Datasheet
204Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TDDR GREYSTONE-TDDR Datasheet
212Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TDFL GREYSTONE-TDFL Datasheet
214Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
TDHR GREYSTONE-TDHR Datasheet
218Kb / 2P
HEAVY DUTY ROOM TEMPERATURE TRANSMITTER WITH LCD
TDSO GREYSTONE-TDSO Datasheet
227Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TXGL GREYSTONE-TXGL Datasheet
283Kb / 2P
GLASS TEMPERATURE TRANSMITTER
06/20
TXRCL GREYSTONE-TXRCL Datasheet
252Kb / 2P
ROOM TEMPERATURE TRANSMITTER WITH LCD
01/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com