Electronic Components Datasheet Search
  English  ▼

X  

TDRP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TDRP
Description  REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TDRP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TDRP Datasheet HTML 1Page - Greystone Energy Systems Inc. TDRP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TDRP SERIES
PRODUCT DESCRIPTION
The single point strap-on temperature
transmitter incorporates a precision platinum
RTD encapsulated in a 6 mm (0.236”) OD, 304
stainless steel probe and is available in various
lengths. All probes provide excellent heat transfer,
fast response and resist moisture penetration.
A transmitter that provides a high accuracy
signal with excellent long term stability, low
hysteresis and fast response for measurement
of pipe temperatures. A hinged and gasketed
Polycarbonate enclosure is included for ease of
installation. An LCD is provided in either °C or °F.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location along the pipe where both
the probe and remote enclosure can be mounted.
If necessary, remove a section of insulation from
the pipe. Position the probe directly on the pipe
and secure using a pipe clamp. For added security,
make 1 to 3 loops of the sensor cable around the
pipe and feed through wire hole on the enclosure
and secure using the supplied grommet. If
applicable, the pipe insulation can be re-applied
to the pipe over the probe.
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6mm (0.236”)
STANDARD LENGTHS
50, 100, 150, 200, 300, 450 mm (2”, 4”, 6”, 8”, 12”, 18”)
WIRE LENGTH
1.524m (5’)
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.2% of span, including linearity
POWER SUPPLY
15-30 Vdc or 12-28 Vac
CONSUMPTION (MAX)
Current: 20 mA
Voltage: 11 mA
MAXIMUM LOOP CURRENT
20 mA
MINIMUM LOOP CURRENT
4 mA
MAXIMUM LOOP LOAD
700Ω
MAXIMUM CURRENT (VOLTAGE)
11 mA
MAXIMUM OUTPUT (VOLTAGE)
10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT DRIVE @ 24 VDC
Current: 700Ω max
Voltage: 20,000Ω min
LCD DISPLAY UNITS
°C or °F (factory configured)
DISPLAY RANGE
3 digit
Negative to Positive Range (-88 to 88)
Positive Range <100 (88.8), >100 (888)
DISPLAY SIZE
38.1mm W x 16.5mm H (1.5” x 0.65”)
DIGIT HEIGHT
11.4mm (0.45”) plus °C/°F symbol
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F), 0 to 95 %RH
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
1.524 m
6.00’
6.0 mm
0.236"
Various
Lengths
FT-6 Rated Plenum Cable, 22 AWG
304 Series S/S Probe
116.5 mm
4.58"
53.7 mm
2.11"
112.5 mm
4.43"
99.7 mm
3.93"
0.5" NPT
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION


Similar Part No. - TDRP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TDRPRO-5100 SCHNEIDER-TDRPRO-5100 Datasheet
260Kb / 4P
time delay relay, SE Relays, DPDT, 12A, 12-240VAC/DC, 100 ms to 9990 hours, 7 time scales, 10 functions, socket comptbl
Aug 27, 2021
TDRPRO-5101 SCHNEIDER-TDRPRO-5101 Datasheet
253Kb / 4P
time delay relay, SE Relays, SPDT, 12A, 12-240VAC/DC, 100 ms to 9990 hours, 7 time scales, 10 functions, socket comptbl
Aug 27, 2021
TDRPRO-5102 SCHNEIDER-TDRPRO-5102 Datasheet
239Kb / 4P
time delay relay, SE Relays, DPDT, 12A, 12-240VAC/DC, 100 ms to 9990 hours, 7 time scales, 3 functions, socket comptbl
Aug 27, 2021
More results

Similar Description - TDRP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDRP GREYSTONE-PS-HATDRP Datasheet
299Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATDSO GREYSTONE-PS-HATDSO Datasheet
312Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATXRP GREYSTONE-PS-HATXRP Datasheet
310Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TDSO GREYSTONE-TDSO Datasheet
227Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TNRP GREYSTONE-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSRP GREYSTONE-TSRP Datasheet
280Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
TXRP GREYSTONE-TXRP Datasheet
271Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
06/20
TXSO GREYSTONE-TXSO Datasheet
366Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com