Electronic Components Datasheet Search
  English  ▼

X  

THDR Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THDR
Description  RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THDR Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THDR Datasheet HTML 1Page - Greystone Energy Systems Inc. THDR Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDR SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
PRODUCT DESCRIPTION
The multi point rigid duct average high limit
thermostat incorporates several precision
thermistor temperature sensors and provides a
Form C relay output (NO/NC) with an adjustable
setpoint. The sensor is encapsulated in 6 mm
(0.236”) OD, 304 series stainless steel probe and is
available in various lengths (see ordering chart).
All probes provide excellent heat transfer, fast
response and resistance to moisture penetration.
A Polycarbonate enclosure with a hinged and
gasketed cover is provided for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type probes are installed through a
hole in the side of the duct to monitor a single
point temperature within the duct. Since the
probes are tip sensitive, select a probe length
that places the sensor well into the duct. Install
the probe in a straight section of duct at a
suitable distance downstream from any heating,
cooling or humidification devices.
The enclosure provides mounting tabs for ease
of installation.
SENSOR TYPE
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6mm (0.236”)
STANDARD LENGTHS
450mm, 600mm, 900mm (18”, 24”, 36”)
WIRE MATERIAL
PVC/Kynar, 28 AWG
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
38 to 60°C (100 to 140°F)
SETPOINT TEMPERATURE
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
Various Probe Lengths
See Specifications
116.5 mm
4.58"
0.5" NPT
Foam Gasket
304 Series S/S Probe
53.7 mm
2.11"
6.00 mm
0.236"


Similar Part No. - THDR

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD-10 TRACOPOWER-THD-10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
logo
Delta Electronics, Inc.
THD0948HE-AXHH DELTA-THD0948HE-AXHH Datasheet
742Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
TRACO Electronic AG
THD10 TRACOPOWER-THD10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210 TRACOPOWER-THD10-1210 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210N TRACOPOWER-THD10-1210N Datasheet
906Kb / 4P
DC/DC Converter THD 10N Series, 10 Watt
Rev. February 13, 2023
More results

Similar Description - THDR

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
PS-HATXDR GREYSTONE-PS-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-TNDR GREYSTONE-PS-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PS-TSDR GREYSTONE-PS-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
THDC GREYSTONE-THDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDF GREYSTONE-THDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TXDR GREYSTONE-TXDR Datasheet
288Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com