Electronic Components Datasheet Search
  English  ▼

X  

THFL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THFL
Description  FLYING LEAD HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THFL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THFL Datasheet HTML 1Page - Greystone Energy Systems Inc. THFL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLYING LEAD HIGH LIMIT THERMOSTAT
THFL SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
PRODUCT DESCRIPTION
The single point flying lead temperature thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 6 mm (0.236”) OD X 50 mm (2”),
304 series stainless steal probe. Standard wire
length is 3.05m (10’). All probes are constructed to
provide excellent heat transfer, fast response and
are potted to resist moisture penetration. A hinged
and gasketed Polycarbonate enclosure is provided
for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
A typical application for the flying lead type probes
is to monitor a single point temperature within
the duct. Install the probe in a straight section of
duct at a suitable distance downstream from any
heating, cooling or humidification devices. Drill
a 3/8” hole in the top of the duct and hang the
sensor in the airstream.
The enclosure provides mounting tabs for ease of
installation.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 60°C (-40 to 140°F)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6mm (0.236”)
WIRE MATERIAL
FT-6 Plenum rated cable
WIRE LENGTH
3.05 m (10’)
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
38 to 60°C (100 to 140°F)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
1.83 m
6.00’
6.00 mm
0.236"
50 mm
2”
FT-6 Rated Plenum Cable, 22 AWG
304 Series S/S Probe
116.5 mm
4.58"
53.7 mm
2.11"


Similar Part No. - THFL

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF106K035P1F CDE-THF106K035P1F Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF106K050P1F CDE-THF106K050P1F Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF107K010P1F CDE-THF107K010P1F Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF107K020P1G CDE-THF107K020P1G Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - THFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
FLYING LEAD LOW LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com