Electronic Components Datasheet Search
  English  ▼

X  

THRP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THRP
Description  REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THRP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THRP Datasheet HTML 1Page - Greystone Energy Systems Inc. THRP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT
THRP SERIES
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
PRODUCT DESCRIPTION
The single point strap-on high limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor
is encapsulated in a 6 mm (0.236”) OD, 304
stainless steel probe and is available in various
lengths (see ordering chart). Standard wire
length is 5’ (1.5 m). All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
hinged and gasketed Polycarbonate enclosure is
included for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
For best results, thermal conductive
compound should be applied to pipe prior to
mounting the probe.
Find a suitable location along the pipe where
both the probe and remote enclosure can be
mounted. If necessary, remove a section of
insulation from pipe. Position the probe directly
on the pipe and secure using a pipe clamp. For
added security, make 1 to 3 loops of the sensor
cable around the pipe and feed through wire hole
on the enclosure and secure using the supplied
grommet. If applicable, the pipe insulation can be
re-applied to the pipe over the probe.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0236”)
PROBE LENGTH
50 mm, 100 mm, 150 mm, 200 mm (2”, 4”, 6”, 8”)
WIRE MATERIAL
PVC insulated, parallel bonded
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
Range 1: 38 to 104°C (100 to 220°F)
Range 2: 38 to 60°C (100 to 140°F)
SETPOINT TEMPERATURE
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
1.524 m
6.00’
6.0 mm
0.236"
Various
Lengths
FT-6 Rated Plenum Cable, 22 AWG
304 Series S/S Probe
116.5 mm
4.58"
53.7 mm
2.11"
112.5 mm
4.43"
99.7 mm
3.93"
0.5" NPT
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16


Similar Part No. - THRP

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
THR-10261-XX MACROMATIC-THR-10261-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10261-XXJ MACROMATIC-THR-10261-XXJ Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10262-XX MACROMATIC-THR-10262-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10262-XXJ MACROMATIC-THR-10262-XXJ Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THR-10266-XX MACROMATIC-THR-10266-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results

Similar Description - THRP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATXRP GREYSTONE-PS-HATXRP Datasheet
310Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TDRP GREYSTONE-TDRP Datasheet
223Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
TLSO GREYSTONE-TLSO Datasheet
287Kb / 2P
STRAP-ON LOW LIMIT THERMOSTAT
TNRP GREYSTONE-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSRP GREYSTONE-TSRP Datasheet
280Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
TXRP GREYSTONE-TXRP Datasheet
271Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
06/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com