Electronic Components Datasheet Search
  English  ▼

X  

THSO Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THSO
Description  STRAP-ON HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THSO Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THSO Datasheet HTML 1Page - Greystone Energy Systems Inc. THSO Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
STRAP-ON HIGH LIMIT THERMOSTAT
THSO SERIES
PRODUCT DESCRIPTION
The single point strap-on high limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 38.1 mm x 12.7 mm (1.5” x 0.5”)
machined aluminum heat sink. A 254 mm (10”)
S/S Pipe clamp is provided to secure the assembly
to various sizes of pipe. All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
hinged and gasketed Polycarbonate enclosure is
included for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The strap-on temperature transmitter series can
be mounted directly to various sizes of pipes and
secured using a 254 mm (10”) S/S pipe clamp. If
necessary, remove a section of insulation from the
pipe. The 254 mm (10”) S/S pipe clamp is a “Quick
Release” type and can be separated by moving
the tightening screw so that it is perpendicular to
the clamp and slide the clamp apart. Position the
aluminum plate on the pipe so it makes the best
contact, wrap the clamp around the pipe and re-
assemble and tighten. Any excess clamp may be cut
off. For best results, thermal conductive compound
should be applied to pipe prior to mounting the
probe.
Wiring connections are made inside the enclosure.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
Machined aluminum heat sink
PROBE DIMENSIONS
38.1mm x 12.7mm (1.5” x 0.5”)
WIRE MATERIAL
PVC insulated, parallel bonded
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
Range 1: 38 to 104°C (100 to 220°F)
Range 2: 38 to 60°C (100 to 140°C)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
114.3 mm
4.5"
99.7 mm
3.93"
112.5 mm
4.43"
53.7 mm
2.11"
28.6 mm
1.125"
0.5" NPT
254 mm (10")
S/S Pipe Clamp
Quick Release
Machined
Aluminum


Similar Part No. - THSO

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
THS-1024A-XX MACROMATIC-THS-1024A-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THS-1024D-XX MACROMATIC-THS-1024D-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THS-1054A-XX MACROMATIC-THS-1054A-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THS-1054D-XX MACROMATIC-THS-1054D-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
THS-1094A-XX MACROMATIC-THS-1094A-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results

Similar Description - THSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
FLYING LEAD HIGH LIMIT THERMOSTAT
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THRP GREYSTONE-THRP Datasheet
270Kb / 2P
REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
TLSO GREYSTONE-TLSO Datasheet
287Kb / 2P
STRAP-ON LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com