Electronic Components Datasheet Search
  English  ▼

X  

TLDR Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TLDR
Description  RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TLDR Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TLDR Datasheet HTML 1Page - Greystone Energy Systems Inc. TLDR Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDR SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
PRODUCT DESCRIPTION
The multi point rigid duct average low limit
thermostat incorporates several precision
thermistor temperature sensors and provides a
Form C relay output (NO/NC) with an adjustable
setpoint. The sensor is encapsulated in 6 mm
(0.236”) OD, 304 series stainless steel probe and
is available in various lengths (see ordering chart)
All probes provide excellent heat transfer, fast
response and resistance to moisture penetration. A
weatherproof Polycarbonate enclosure is included
for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type probes are installed through a
hole in the side of the duct to monitor a single
point temperature within the duct. Since the
probes are tip sensitive, select a probe length
that places the sensor well into the duct. Install
the probe in a straight section of duct at a
suitable distance downstream from any heating,
cooling or humidification devices.
The enclosure provides mounting tabs for ease
of installation.
SENSOR TYPE
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 60°C (-40 to 140°F)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6mm (0.236”)
STANDARD LENGTHS
450mm, 600mm, 900mm (18”, 24”, 36”)
WIRE MATERIAL
PVC/Kynar, 28 AWG
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature fall
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
-4 to 10°C (25 to 50°C)
SETPOINT TEMPERATURE
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
Various Probe Lengths
See Specifications
116.5 mm
4.58"
0.5" NPT
Foam Gasket
304 Series S/S Probe
53.7 mm
2.11"
6.00 mm
0.236"


Similar Part No. - TLDR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR4100-AS12 VISHAY-TLDR4100-AS12 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR440. VISHAY-TLDR440. Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
TLDR4400 VISHAY-TLDR4400 Datasheet
74Kb / 5P
High Intensity LED, 3 mm Tinted Diffused
04-Feb-99
TLDR4400 VISHAY-TLDR4400 Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
More results

Similar Description - TLDR

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-TNDR GREYSTONE-PS-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PS-TSDR GREYSTONE-PS-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
THDC GREYSTONE-THDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDF GREYSTONE-THDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TNDR GREYSTONE-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TXDR GREYSTONE-TXDR Datasheet
288Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com