Electronic Components Datasheet Search
  English  ▼

X  

TNAP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TNAP
Description  ALL PURPOSE NETWORK TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TNAP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TNAP Datasheet HTML 1Page - Greystone Energy Systems Inc. TNAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ALL PURPOSE NETWORK TEMPERATURE SENSOR
TNAP SERIES
PRODUCT DESCRIPTION
The all purpose single point network temperature
sensor utilizes a precision sensor encapsulated
in a 6 mm (0.236”) OD, 304 series stainless steel
probe and is available in various lengths. All probes
provide excellent heat transfer, fast response and
resistance to moisture penetration. The transmitter
provides a BACnet® or Modbus signal for network
connection. A compact ABS enclosure with a
hinged and gasketed cover is provided for ease of
installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type probes are installed through a hole
in the side of the duct to monitor a single point
temperature within the duct. Since the probes are tip
sensitive, select a probe length that places the sensor
well into the duct. Install the probe in a straight
section of duct at a suitable distance downstream
from any heating, cooling, or humidification devices.
The enclosure provides mounting tabs for ease of
installation.
NOTE: For immersion applications, T2 series
thermowell is required. When using a T1
series thermowell an adapter will be required
(#0201001092).
POWER SUPPLY
BACnet®: 24 Vac/dc ±10% (non-isolated half-wave rectified)
Modbus: 24 Vac/dc ±20% (non-isolated half-wave rectified)
CONSUMPTION
BACnet®: 25 mA max @ 24 Vdc
Modbus: 10 mA max @ 24 Vdc
OPERATING ENVIRONMENT
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0.236”)
STANDARD LENGTHS
50, 100, 150, 200, 300, and 450 mm
(2”, 4”, 6”, 8”, 12”, and 18”)
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
TEMPERATURE
Sensing Element: NTC thermistor
Accuracy: ±0.2°C (±0.36°F) @ 0 to 70°C (32 to 158°F)
Probe Sensing Range: -40 to 100°C (-40 to 212°F)
Resolution: 0.1°C/°F
BACnet® COMMUNICATIONS INTERFACE
Hardware: 2 wire RS-485
Software: Native BACnet® MS/TP protocol
Baud Rate: 9600, 19200, 38400, 57600, 76800, or 115200 (auto-detect)
Network Address Range: Locally set to 0-127
Serial Configuration: 8N1
MODBUS COMMUNICATIONS INTERFACE Hardware: 2 wire RS-485
Software: Native Modbus MS/TP protocol (RTU)
Baud Rate: 9600, 19200, 38400, 57600, 76800, or 115200 (auto-detect)
Network Address Range: Locally set to 1-255 (switch selectable)
Parity: None
Stop Bits: 1
Error Checking: A001 (CRC-16 reverse)
INPUT VOLTAGE EFFECT
Negligble over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and transient protected
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
Various Probe Lengths
See Specifications
6 mm
(0.236")
76.2 mm
3.00"
0.5" NPT
Foam Gasket
304 Series S/S Probe
52.0 mm
2.05"
(#0201001092)
THERMOWELL MOUNTING
DUCT MOUNTING
T1-AP THERMOWELL ADAPTER
THERMOWELL PLACEMENT
MOUNTING STYLES


Similar Part No. - TNAP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TNAP GREYSTONE-TNAP Datasheet
318Kb / 2P
ALL PURPOSE NETWORK TEMPERATURE SENSOR
More results

Similar Description - TNAP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSAP GREYSTONE-PS-HATSAP Datasheet
317Kb / 2P
HIGH ACCURACY ALL PURPOSE DUCT TEMPERATURE SENSOR
PS-HNDT GREYSTONE-PS-HNDT Datasheet
401Kb / 2P
NETWORK DUCT HUMIDITY/TEMPERATURE SENSOR
PS-TNAP GREYSTONE-PS-TNAP Datasheet
318Kb / 2P
ALL PURPOSE NETWORK TEMPERATURE SENSOR
PS-TNGL GREYSTONE-PS-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
PS-TNOS GREYSTONE-PS-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
05/20
PS-TSAP GREYSTONE-PS-TSAP Datasheet
316Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE SENSOR
01/20
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
TNGL GREYSTONE-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
TNOS GREYSTONE-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com