Electronic Components Datasheet Search
  English  ▼

X  

DSM3MA Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # DSM3MA
Description  GENERAL-USE RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

DSM3MA Datasheet(HTML) 2 Page - Hitachi Semiconductor

  DSM3MA Datasheet HTML 1Page - Hitachi Semiconductor DSM3MA Datasheet HTML 2Page - Hitachi Semiconductor DSM3MA Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDE-DSM3MA-0
DSM3MA
Forward characteristics
0
0.5
1.0
1.5
2.0
2.5
3.0
0.1
1
10
100
PEAK FORWARD VOLTAGE DROP (V)
TL=150˚C
TL=25˚C
Single-phase half sine wave
Conduction : 10ms 1 Cycle
Max. average forward power dissipation
(Resistive or inductive load)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
AVERAGE FORWARD CURRENT (A)
Single-phase
( 50Hz )
DC
Max. allowable lead temperature
(Resistive or inductive load)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
120
140
160
180
AVERAGE FORWARD CURRENT (A)
Single-phase half sine wave
180˚ conduction (50Hz)
Lead temperature
On glass-epoxi substrate
( 50mm)
Soldering land ( 10mm)
Transient thermal impedance
0.001
0.01
0.1
1
10
100
0.1
1
10
100
200
TIME (s)
Rth(j-a)
Rth(j-L)
Lead temperature
Soldering land
( 10mm)
On glass-epoxi
substrate( 50mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com