Electronic Components Datasheet Search
  English  ▼

X  

610120249221 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 610120249221
Description  WR-PHD SMT Angled Dual Socket Header
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

610120249221 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  610120249221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249221 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249221 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249221 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249221 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
1,20 ±0,15
Ø
L1 ±0,15
Pl ±0,30
1,50 ±0,15
L ±0,50
2,54 ±0,10
0,64 ±0,08
1,25 ±0,15
1,54 ±0,15
3,26 ±0,25
1
2
End
Article Properties:
Properties
Value
Unit
Pins
20
Pin to Pin (Middle)
Pl
22.86
mm
Length
L
25.9
mm
Length 1)
L1
20.32
mm
1)
peg to peg (middle)
Recommended Land Pattern: [mm]
l1 ±0,15
pl ±0,1
2,54 ±0,05
0,80 ±0,15
O 1
,40
±0,
15
1
2
End
Pattern Properties:
Properties
Value
Unit
Pin to Pin (Middle)
pl
22.86
mm
Length 1)
l1
20.32
mm
1)
peg to peg (middle)
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
CaP
001.002
2021-07-02
DIN ISO 2768-1m
DESCRIPTION
WR-PHD SMT Angled Dual Socket
Header
ORDER CODE
610120249221
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
2.54 mm
eiCan
Valid
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 610120249221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
610120249121 WURTH-610120249121 Datasheet
853Kb / 3P
WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
More results

Similar Description - 610120249221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
610108249221 WURTH-610108249221 Datasheet
440Kb / 7P
WR-PHD SMT Angled Dual Socket Header
001.002
610116249221 WURTH-610116249221 Datasheet
446Kb / 7P
WR-PHD SMT Angled Dual Socket Header
001.002
610122249221 WURTH-610122249221 Datasheet
446Kb / 7P
WR-PHD SMT Angled Dual Socket Header
001.002
621104284621 WURTH-621104284621 Datasheet
207Kb / 5P
WR-PHD SMT Angled Dual Socket Header
001.002
621106284621 WURTH-621106284621 Datasheet
207Kb / 5P
WR-PHD SMT Angled Dual Socket Header
001.002
621108284621 WURTH-621108284621 Datasheet
207Kb / 5P
WR-PHD SMT Angled Dual Socket Header
001.002
621110284621 WURTH-621110284621 Datasheet
207Kb / 5P
WR-PHD SMT Angled Dual Socket Header
001.002
621112284621 WURTH-621112284621 Datasheet
207Kb / 5P
WR-PHD SMT Angled Dual Socket Header
001.002
621114284621 WURTH-621114284621 Datasheet
207Kb / 5P
WR-PHD SMT Angled Dual Socket Header
001.002
621120284621 WURTH-621120284621 Datasheet
206Kb / 5P
WR-PHD SMT Angled Dual Socket Header
001.002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com