Electronic Components Datasheet Search
  English  ▼

X  

CS16 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS16
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS16 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS16 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
CS16
RoHS
Compliant
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev. 7: 10-10-19
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
FEATURES:
•
TIGHT TOLERANCE AND STABILITY AVAILABLE
••••
AUTOMOTIVE GRADE AEC-Q200 QUALIFIED VERSION AVAILABLE
••••
SUITABLE FOR ROHS REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
24.000MHz ~ 60.000MHz
STANDARD FREQUENCIES
26.000000MHz 27.000000MHz 27.120000MHz 32.000000MHz
36.000000MHz 40.000000MHz 50.000000MHz 60.000000MHz
FREQUENCY TOLERANCE @ 25°C
±10ppm ~ 50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ 50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
LOAD CAPACITANCE
STD: 8pF (See P/N guide for other options)
SHUNT CAPACITANCE
3.5pF max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
200µW max.
AGING @ 25°C ± 3°C
±2.0ppm / 1
st year max.
EQUIVALENT SERIES RESISTANCE
24.000MHz - 40.000MHz:
150Ω max.
40.001MHz - 60.000MHz:
80Ω max.
OPERATION MODE
AT Cut, Fundamental
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
Unit :mm
1
Xtal
2
GND
3
Xtal
4
GND
Pin Configuration
Unit : mm
* Package 1 and 2 are provided interchangeably
based on material availability.
** Different chamfer location between package 1
and 2.
Package 1*
Package 2*
4
1.60
1
2
3
4
Marking
1
2
3
0.5
1
2
3
4
0.5
1
2
3
4
Marking
0.55
0.55
0.4
1.60
0.5
0.6
0.5
0.3
0.4
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Mode
F: Fundamental
Stability
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Options
Q: AEC-Q200
Qualified
TR: Tape and reel
Tolerance @ 25°C
50: ± 50ppm
30: ± 30ppm (standard)
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
Frequency
M: MHz
CS16
26.000M
HM
50
F
08
50
TR
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Product series


Similar Part No. - CS16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS16-04GO2 ETC1-CS16-04GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS16-06GO2 ETC1-CS16-06GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS16-08IO2 ETC1-CS16-08IO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
logo
M/A-COM Technology Solu...
CS16-1 MA-COM-CS16-1 Datasheet
699Kb / 6P
Low Power Limiter Diodes
logo
List of Unclassifed Man...
CS16-10IO2 ETC1-CS16-10IO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
More results

Similar Description - CS16

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
1.6 x 0.8 x 0.4mm white SMD
OSXX0603C1A OPTOSUPPLY-OSXX0603C1A Datasheet
391Kb / 7P
1.6 x 0.8 x 0.4mm SMD
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
logo
OptoSupply Internationa...
OSHR0603C1A OPTOSUPPLY-OSHR0603C1A_13 Datasheet
458Kb / 8P
1.6 x 0.8 x 0.4mm SMD
OSHR1608C1A OPTOSUPPLY-OSHR1608C1A Datasheet
335Kb / 6P
1.6 x 0.8 x 0.4mm SMD
logo
Transko Electronics, In...
CS12 TRANSKO-CS12 Datasheet
165Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.2 x 1.0 x 0.33mm)
Rev. 1: 10-10-19
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CT16 TRANSKO-CT16 Datasheet
286Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (1.6 x 1.2 x 0.65mm)
Rev. 1: 10-10-19
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com