Electronic Components Datasheet Search
  English  ▼

X  

CS22 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS22
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS22 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS22 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
CS22
RoHS
Compliant
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev. 6: 10-10-19
■ SPECIFICATION
FREQUENCY RANGE
12.000MHz ~ 60.000MHz
STANDARD FREQUENCIES
16.000000MHz
20.000000MHz
20.480000MHz
20.250000MHz
22.000000MHz
24.000000MHz
24.545450MHz
24.576000MHz
26.000000MHz
27.000000MHz
28.636363MHz
32.000000MHz
FREQUENCY TOLERANCE @ 25ºC
±10ppm ~ 50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ 50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
LOAD CAPACITANCE
STD: 8pF (See P/N guide for other options)
SHUNT CAPACITANCE
3.5pF max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
300µW max.
AGING @ 25°C ± 3°C
±2.0ppm / 1
st year max.
EQUIVALENT SERIES RESISTANCE
12.000MHz - 16.000MHz:
180Ω max.
16.001MHz - 20.000MHz:
150Ω max.
20.001MHz - 30.000MHz: 100Ω max.
30.001MHz - 40.000MHz:
60Ω max.
40.001MHz - 60.000MHz:
50Ω max.
OPERATION MODE
AT cut, Fundamental
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
FEATURES:
•
WIDE FREQUENCY RANGE
••••
AUTOMOTIVE GRADE AEC-Q200 QUALIFIED VERSION AVAILABLE
••••
SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ PART NUMBERING GUIDE
■ SOLDER PATTERN
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
Unit :mm
1
Xtal
2
GND
3
Xtal
4
GND
Pin Configuration
Unit : mm
* Package 1 and 2 are provided interchangeably
based on material availability.
** Different chamfer location between package 1
and 2.
Package 1*
Package 2*
4
2.50
1
2
3
4
Marking
1
2
0.70
3
0.90
1
2
3
4
0.90
0.70
2.50
1
2
3
4
Marking
1.7
1.3
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Mode
F: Fundamental
Stability
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Options
Q: AEC-Q200
Qualified
TR: Tape and reel
Tolerance @ 25°C
50: ± 50ppm
30: ± 30ppm (standard)
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
Frequency
M: MHz
CS22
26.000M
HM
50
F
08
50
TR
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Product series


Similar Part No. - CS22

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS22 IXYS-CS22 Datasheet
52Kb / 2P
Phase Control Thyristors Electrically Isolated Tab
logo
Vishay Siliconix
CS22 VISHAY-CS22 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
logo
IXYS Corporation
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
52Kb / 2P
Phase Control Thyristors Electrically Isolated Tab
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
196Kb / 5P
High Efficiency Thyristor
logo
Vishay Siliconix
CS22-100KD0016 VISHAY-CS22-100KD0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
More results

Similar Description - CS22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
CS42 TRANSKO-CS42 Datasheet
203Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (4.0 x 2.5 x 0.75mm)
Rev. 3: 10-10-19
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
CS32H TRANSKO-CS32H Datasheet
197Kb / 1P
ULTRA-MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.65mm)
Rev.3: 10-10-19
TISM2 TRANSKO-TISM2 Datasheet
165Kb / 1P
ULTRA MINIATURE SMD LVDS OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TX-N TRANSKO-TX-N Datasheet
306Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.71mm)
Rev. 4: 12-11-2020
TX-O TRANSKO-TX-O Datasheet
468Kb / 1P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.9mm)
Ver. 1: Jan. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com