Electronic Components Datasheet Search
  English  ▼

X  

CS32 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS32
Description  MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS32 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS32 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
CS32
RoHS
Compliant
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev 8: 10
-
10
-
19
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
FEATURES:
•
WIDE FREQUENCY RANGE
••••
LOW COST SMD PACKAGE
••••
LOW PROFILE / SUITABLE FOR REFLOW
••••
AUTOMOTIVE GRADE AEC-Q200 QUALIFIED VERSION AVAILABLE
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
8.000MHz ~ 156.25MHz
FREQUENCY TOLERANCE @ 25ºC
±10ppm ~ ±50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ ±50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
LOAD CAPACITANCE
STD: 18pF (See P/N guide for other options)
SHUNT CAPACITANCE
3.5pF max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
300µW max.
AGING @ 25°C ± 3°C
±2.0ppm / 1
st year max.
EQUIVALENT SERIES RESISTANCE
OPERATION MODE
AT cut, Fundamental or 3rd Overtone
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
Unit :mm
1
Xtal
2
GND
3
Xtal
4
GND
Pin Configuration
Unit : mm
* Package 1 and 2 are provided interchangeably
based on material availability.
** Different chamfer location between package 1
and 2.
Package 1*
Package 2*
Mode
F: Fundamental
T: 3
rd overtone
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Options
Q: AEC-Q200
Qualified
TR: Tape reel
Tolerance @ 25°C
00: ± 100ppm
50: ± 50ppm(standard)
30: ± 30ppm
25: ± 25ppm
10: ± 10ppm
XX: Two digit Tolerance
Frequency
M: MHz
CS32
40.000M
HM
00
F
18
00
TR
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
4
3.20
1
2
3
4
Marking
1
2
0.70
3
1.20
1
2
3
4
1.20
0.70
3.20
1
2
3
4
Marking
1.20
1.4
2.20
1.60
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Fundamental:
8.000MHz ~ 9.000MHz: 800Ω max.
Fundamental:
11.001MHz ~ 12.000MHz: 120Ω max.
Fundamental:
13.001MHz ~ 16.000MHz: 80Ω max.
Fundamental:
21.001MHz ~ 30.000MHz: 60Ω max.
3
rd Overtone:
60.001MHz ~ 156.250MHz: 100Ω max.
10.001MHz ~ 11.000MHz: 120Ω max.
12.001MHz ~ 13.000MHz: 100Ω max.
16.001MHz ~ 21.000MHz: 70Ω max.
30.001MHz ~ 60.000MHz: 50Ω max.


Similar Part No. - CS32

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS320 CAMPBELL-CS320 Datasheet
572Kb / 2P
Digital Thermopile Pyranometer
04/29/2021
CS320 CAMPBELL-CS320 Datasheet
787Kb / 2P
Pyranometers, quantum sensors, and net radiometers
03/30/2020
logo
HUAJING MICROELECTRONIC...
CS3205 HUAJING-MICRO-CS3205 Datasheet
312Kb / 10P
Silicon N-Channel Power MOSFET
2015V01
CS3205B8 HUAJING-MICRO-CS3205B8 Datasheet
312Kb / 10P
Silicon N-Channel Power MOSFET
2015V01
logo
List of Unclassifed Man...
CS3216 ETC-CS3216 Datasheet
3Mb / 7P
Typical Performance Characteristics
More results

Similar Description - CS32

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MT1010 EUROQUARTZ-MT1010 Datasheet
223Kb / 1P
3.2 x 2.5 x 0.7mm SMD
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
3.2 x 2.5 x 0.7mm SMD
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
CS32H TRANSKO-CS32H Datasheet
197Kb / 1P
ULTRA-MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.65mm)
Rev.3: 10-10-19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com