Electronic Components Datasheet Search
  English  ▼

X  

CS42 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS42
Description  MINIATURE CERAMIC SMD CRYSTAL (4.0 x 2.5 x 0.75mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS42 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS42 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
CS42
RoHS
Compliant
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev.3: 10-10-19
MINIATURE CERAMIC SMD CRYSTAL (4.0 x 2.5 x 0.75mm)
FEATURES:
•
WIDE FREQUENCY RANGE
••••
LOW COST SMD PACKAGE
••••
LOW PROFILE / SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
12.000MHz ~ 50.000MHz
FREQUENCY TOLERANCE @ 25ºC
±10ppm ~ ±50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ ±50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
LOAD CAPACITANCE
STD: 12pF (See P/N guide for other options)
SHUNT CAPACITANCE
5.0pF max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
100µW ~ 200µW max. – contact factory for higher drive level
AGING @ 25°C ± 3°C
±3.0ppm / 1
st year max.
EQUIVALENT SERIES RESISTANCE
12.000MHz ~ 16.000MHz: 80Ω max.
16.001MHz ~ 21.000MHz: 60Ω max.
21.001MHz ~ 50.000MHz: 50Ω max.
OPERATION MODE
AT cut, Fundamental
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
255 ±5°C
150 ±5°C
Pre-heating
Soldering
<10 Sec
<120 Sec
Note: Consult factory for detail
Unit :mm
1
Xtal
2
GND
3
Xtal
4
GND
Pin Configuration
Unit : mm
* Package 1 and 2 are provided interchangeably
based on material availability.
** Different chamfer location between package 1
and 2.
Package 1*
Package 2*
4.00
1
2
3
4
Marking
1
2
0.70
0.90
3
4
2.00
1.00
1
2
3
4
2.00
1.00
0.70
0.90
4.00
1
2
3
4
Marking
1.15
1.4
3.0
1.6
Mode
F: Fundamental
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Other Options
TR: Tape and reel
Tolerance @ 25°C
00: ± 100ppm
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
Frequency
M: MHz
CS42
40.000M
HM
30
F
12
50
TR
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Frequency
M: MHz


Similar Part No. - CS42

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS4200V-01L COILCRAFT-CS4200V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
CS4200V-01L COILCRAFT-CS4200V-01L Datasheet
255Kb / 1P
Current Sense Transformers
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
CrystalClear Audio Codec 97 with headphone Amplifier
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 66P
Audio Codec ??7 with Headphone Amplifier
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 81P
CrystalClear짰 Audio Codec ??7 for Portable Computing
More results

Similar Description - CS42

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254 Datasheet
254Kb / 1P
Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
M1254 MTRONPTI-M1254 Datasheet
403Kb / 2P
Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
CS32H TRANSKO-CS32H Datasheet
197Kb / 1P
ULTRA-MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.65mm)
Rev.3: 10-10-19
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com