Electronic Components Datasheet Search
  English  ▼

X  

CS53A Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS53A
Description  MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS53A Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS53A Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
CS53A
RoHS
Compliant
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev. 6: 10
-
10
-
19
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
FEATURES:
HIGH FREQUENCY RANGE
••••
LOW COST SMD PACKAGE
••••
LOW PROFILE / SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
7.3728MHz ~ 270.000MHz
FREQUENCY TOLERANCE @ 25ºC
±30ppm (See P/N guide for other options)
FREQUENCY STABILITY
±50ppm (See P/N guide for other options)
OPERATING TEMPERATURE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 105°C
LOAD CAPACITANCE
STD: 18pF (See P/N guide for other options)
SHUNT CAPACITANCE
5.0pF max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
500µW max.
AGING @ 25°C ± 3°C
±3.0ppm / 1
st year max.
EQUIVALENT SERIES RESISTANCE
OPERATION MODE
Fundamental, 3
rd overtone, 5th overtone
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
255 ±5°C
150 ±5°C
Pre-heating
Soldering
<10 Sec
<120 Sec
Note: Consult factory for detail
Unit :mm
1
Xtal
2
GND
3
Xtal
4
GND
Pin Configuration
Unit : mm
* Package 1 and 2 are provided interchangeably
based on material availability.
** Different chamfer location between package 1
and 2.
Package 1*
1.30
2.40
3
2
4
1
Marking
2.40
3
2
4
1
Marking
CS53A
Mode
F: Fundamental
T: 3
rd overtone
B: 5
th overtone
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Other Options
TR: Tape and reel
Tolerance @ 25°C
00: ± 100ppm
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
Frequency
M: MHz
40.000M
HM
30
F
18
50
TR
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Fundamental: 7.000MHz ~ 10.000MHz: 100Ω max.
10.001MHz ~ 12.000MHz: 60Ω max.
Fundamental: 12.001MHz ~ 19.000MHz: 50Ω max.
19.001MHz ~ 40.000MHz: 40Ω max.
3
rd overtone: 40.001MHz ~ 60.000MHz: 70Ω max. 60.001MHz ~ 170.000MHz: 100Ω max.
5
th overtone: 170.001MHz ~ 270.000MHz: 160Ω max.
5.0±0.15
5.0±0.15
Package 2*
1.30
1.2
2.0
3.70
2.20


Similar Part No. - CS53A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
logo
Fuji Electric
CS53-16A FUJI-CS53-16A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-18A FUJI-CS53-18A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-20A FUJI-CS53-20A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS53A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TP53A TRANSKO-TP53A Datasheet
417Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.4: 07-28-2020
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TISM5 TRANSKO-TISM5 Datasheet
319Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev 2: 03-27-2023
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TPSM5 TRANSKO-TPSM5 Datasheet
416Kb / 1P
CERAMIC LVPECL MINIATURE SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: Nov. 2014
TSMV5 TRANSKO-TSMV5 Datasheet
390Kb / 1P
ULTRA MINIATURE CERAMIC SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: May 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com