Electronic Components Datasheet Search
  English  ▼

X  

CS53B Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS53B
Description  MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS53B Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS53B Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
CS53B
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev 6: 02-07-2022
RoHS
Compliant
Pb in glass exempt per
RoHS 2002/95/EC Annex (7c1)
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
FEATURES:
HIGH FREQUENCY RANGE
LOW COST SMD PACKAGE
LOW PROFILE / SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
7.3728MHz ~ 156.25MHz
FREQUENCY TOLERANCE @ 25ºC
±10ppm ~ ±50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ ±50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
LOAD CAPACITANCE
STD: 18pF (See P/N guide for other options)
SHUNT CAPACITANCE
5.0pF max.
INSULATION RESISTANCE
500M
 min. @ 100VDC ± 15VDC
DRIVE LEVEL
300µW max.
AGING @ 25°C ± 3°C
±3.0ppm / 1st year max.
EQUIVALENT SERIES RESISTANCE
Fundamental:
7.000MHz ~ 11.999MHz: 100
 max. 12.000MHz ~ 14.000MHz: 60 max.
Fundamental: 14.001MHz ~ 20.000MHz: 50
 max. 20.000MHz ~ 54.000MHz: 40 max.
3rd overtone: 40.000MHz ~ 60.000MHz: 70
 max.
5th overtone: 60.001MHz ~ 156.25MHz: 60
 max.
OPERATION MODE
Fundamental, 3rd Overtone, 5th Overtone
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
245 ±5°C
150 ±5°C
Pre-heating
Soldering
<10 Sec
<120 Sec
Note: Consult factory for detail
Unit :mm
1.20
2.40
#2
2
1
5.00
Marking
Pin Configuration
1
Xtal
2
Xtal
Unit : mm
2.50
1.70
3.70
Mode
F: Fundamental
T: 3rd overtone
B: 5thovertone
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Other Options
TR: Tape and reel
Tolerance @ 25°C
00: ± 100ppm
50: ± 50ppm(standard)
30: ± 30ppm
25: ± 25ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
Frequency
M: MHz
CS53B
HM
00
F
08
00
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
40.000M
TR


Similar Part No. - CS53B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
logo
Fuji Electric
CS53-16A FUJI-CS53-16A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-18A FUJI-CS53-18A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-20A FUJI-CS53-20A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS53B

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G536 EUROQUARTZ-G536 Datasheet
120Kb / 2P
5.0 x 3.2 x 1.2mm 6 pad SMD
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
5.0 x 3.2 x 1.2mm SMD HCMOS
logo
Transko Electronics, In...
TP53A TRANSKO-TP53A Datasheet
417Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.4: 07-28-2020
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
TFC5 TRANSKO-TFC5 Datasheet
316Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023
THC32 TRANSKO-THC32 Datasheet
300Kb / 1P
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020
TISM3 TRANSKO-TISM3 Datasheet
314Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 3: 02-02-22
TPSM3 TRANSKO-TPSM3 Datasheet
107Kb / 1P
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com