Electronic Components Datasheet Search
  English  ▼

X  

CS63B Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS63B
Description  CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS63B Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS63B Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
CS63B
RoHS
Compliant
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev.1: Jul. 2014
Rev. 4: 10-10-19
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
FEATURES:
•
HIGH FREQUENCY RANGE
••••
LOW COST SMD PACKAGE
••••
LOW PROFILE / SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
7.000MHz ~ 200.000MHz
FREQUENCY TOLERANCE @ 25ºC
±10ppm ~ ±50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ ±50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
LOAD CAPACITANCE
STD: 18pF (See P/N guide for other options)
SHUNT CAPACITANCE
5.0pF max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
100µW ~ 200µW max. – contact factory for higher drive level
AGING @ 25°C ± 3°C
±3.0ppm / 1
st year max.
EQUIVALENT SERIES RESISTANCE
Fundamental:
7.000MHz ~ 12.000MHz: 100Ω max.
Fundamental: 12.001MHz ~ 14.000MHz: 60Ω max.
Fundamental: 14.001MHz ~ 54.000MHz: 40Ω max.
3
rd overtone: 40.000MHz ~ 200.000MHz: 80Ω max.
OPERATION MODE
AT cut, Fundamental or 3
rd overtone
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
255 ±5°C
150 ±5°C
Pre-heating
Soldering
<10 Sec
<120 Sec
Note: Consult factory for detail
Unit :mm
Pin Configuration
1
Xtal
2
Xtal
Unit : mm
6.00
Marking
2
1
1.40
2.2
4.8
2.0
2.8
Mode
F: Fundamental
T:
3
rd
overtone
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Load Capacitance
08: 8pF
20: 20pF
10: 10pF
22: 22pF
12: 12pF
24: 24pF
16: 16pF
28: 28pF
18: 18pF
32: 32pF
S: Series
Other Options
TR: Tape and reel
CS63B
20.000M
HM
00
F
08
00
TR
Tolerance @ 25°C
00: ± 100ppm
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
10: ± 10ppm
XX: Two digit for Tolerance
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H:
0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Frequency
M: MHz
00


Similar Part No. - CS63B

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CS63BC KNIGHTSBRIDGE-CS63BC Datasheet
313Kb / 1P
13A Switched Fused Spur Unit - Brushed Chrome
09/04/2024
More results

Similar Description - CS63B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
3.5 x 6.0 mm Ceramic - SM Crystal
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
Abracon Corporation
ABH3 ABRACON-ABH3 Datasheet
876Kb / 2P
INDUSTRIAL GRADE 5.0 x 3.2 x 1.1mm GLASS SEALED 2 PADS SMD CRYSTAL
02.15.10
logo
C&K Components
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
6.0 x 3.5 Top Actuated
14 Nov 22
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63C TRANSKO-CS63C Datasheet
255Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
Rev 5: 10/18/2022
CS75 TRANSKO-CS75 Datasheet
232Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (7.0 x 5.0 x 1.1mm)
Rev.4:10-10-19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com