Electronic Components Datasheet Search
  English  ▼

X  

CS71 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS71
Description  PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS71 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS71 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
CS71
RoHS
Compliant
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev. 2: Jan 10, 2018
Pb in high temperature solder exempt
per RoHS 2002/95/EC Annex (7a)
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
FEATURES:
•
MINITURE TUNING FORK CRYSTAL
••••
LOW PROFILE FOR HIGH DENSITY PCB DESIGN
••••
INDUSTRIAL OPERATING TEMPERATURE RANGE (-40°C ~ 85°C)
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
32.768kHz
FREQUENCY TOLERANCE @ 25ºC
±20ppm, ±50ppm
TEMPERATURE COEFFICIENT
-0.034ppm ±0.006 ppm / ºC
2
OPERATING TEMPERATURE RANGE
-40°C ~ 85°C
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
TURN OVER TEMPERATURE
25°C ± 5°C
LOAD CAPACITANCE
STD: 12.5pF (See P/N guide for other options)
SHUNT CAPACITANCE
1.20pF typ.
MOTIONAL CAPACITANCE
0.0023pF typ.
EQUIVALENT SERIES RESISTANCE
65kΩ max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
0.1µW typ. 1.0µW max.
AGING @ 25°C ± 3°C
±3.0ppm/ 1
st year max.
SHOCK
±5.0ppm max.
VIBRATION
±5.0ppm max.
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
Unit : mm
■ REFLOW PROFILE
255 ±5°C
150 ±5°C
Pre-heating
Soldering
<10 Sec
<120 Sec
Note: Consult factory for detail
Unit :mm
0.4
1
4
3
2
0.4
7.0
Marking
3
2
1
4
6.7
0.1
0.1
5.1
0.9
0.6
1.2
CS71
32.768K
TR
Load Capacitance
Blank: 12.5pF (STD)
7: 7pF
6: 6pF
Frequency
32.768kHz
Other Options
TR: Tape and reel
A
Tolerance @ 25°C
A: ±20ppm
B: ±50ppm


Similar Part No. - CS71

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS71 VISHAY-CS71 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
Apacer industrial CS710-CF card
logo
Vishay Siliconix
CS7103001K500B8968 VISHAY-CS7103001K500B8968 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
CS7103001K500B9123 VISHAY-CS7103001K500B9123 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
CS710300R1500B8968 VISHAY-CS710300R1500B8968 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
More results

Similar Description - CS71

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
Transko Electronics, In...
1X5 TRANSKO-1X5 Datasheet
389Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (1.5 x 5.1mm)
Rev.1: Jul. 2014
CS1041 TRANSKO-CS1041 Datasheet
244Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
CS1042 TRANSKO-CS1042 Datasheet
244Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CS83 TRANSKO-CS83 Datasheet
149Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (8.0 x 3.7 x 2.5mm)
Rev. 2: Jan 10, 2018
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com