Electronic Components Datasheet Search
  English  ▼

X  

74HC112 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC112
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC112 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC112 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC112 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
74HC112; 74HCT112
Dual JK flip-flop with set and reset; negative-edge trigger
4. Functional diagram
RD
FF
SD
10
Q
1Q
2Q
1Q
2Q
5
9
3
11
1
13
6
aaa-024306
7
Q
1SD
CP
2CP
1CP
2J
1J J
2
12
2K
1K
K
2SD
14
1RD 2RD
15
4
Fig. 1. Logic symbol
4
3
1
5
6
2
15
S
1J
C1
1K
R
aaa-024307
10
11
13
9
7
12
14
S
1J
C1
1K
R
Fig. 2. IEC logic symbol
aaa-024308
C
K
J
S
R
CP
C
C
C
C
C
C
C
C
Q
Q
C
Fig. 3. Logic diagram (one flip-flop)
5. Pinning information
5.1. Pinning
74HC112
74HCT112
1CP
VCC
1K
1RD
1J
2RD
1SD
2CP
1Q
2K
1Q
2J
2Q
2SD
GND
2Q
aaa-024309
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 4. Pin configuration SOT109-1 (SO16)
74HC112
74HCT112
1CP
VCC
1K
1RD
1J
2RD
1SD
2CP
1Q
2K
1Q
2J
2Q
2SD
GND
2Q
aaa-024310
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 5. Pin configuration SOT403-1 (TSSOP16)
74HC_HCT112
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 11 January 2021
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com