Electronic Components Datasheet Search
  English  ▼

X  

74HC4046AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC4046AD
Description  Phase-locked loop with VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4046AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4046AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Nexperia
74HC4046A; 74HCT4046A
Phase-locked loop with VCO
7. Pinning information
7.1. Pinning
aaa-020205
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74HC4046A
74HCT4046A
PCP_OUT
VCC
PC1_OUT
PC3_OUT
COMP_IN
SIG_IN
VCO_OUT
PC2_OUT
INH
R2
C1A
R1
C1B
DEM_OUT
GND
VCO_IN
Fig. 5. Pin configuration SOT109-1 (SO16)
74HC4046A
74HCT4046A
PCP_OUT
VCC
PC1_OUT
PC3_OUT
COMP_IN
SIG_IN
VCO_OUT
PC2_OUT
INH
R2
C1A
R1
C1B
DEM_OUT
GND
VCO_IN
aaa-029927
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 6. Pin configuration SOT338-1 (SSOP16) and
SOT403-1 (TSSOP16)
7.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
PCP_OUT
1
phase comparator pulse output
PC1_OUT
2
phase comparator 1 output
COMP_IN
3
comparator input
VCO_OUT
4
VCO output
INH
5
inhibit input
C1A
6
capacitor C1 connection A
C1B
7
capacitor C1 connection B
GND
8
ground (0 V)
VCO_IN
9
VCO input
DEM_OUT
10
demodulator output
R1
11
resistor R1 connection
R2
12
resistor R2 connection
PC2_OUT
13
phase comparator 2 output
SIG_IN
14
signal input
PC3_OUT
15
phase comparator 3 output
VCC
16
supply voltage
74HC_HCT4046A
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 6 August 2019
4 / 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com