Electronic Components Datasheet Search
  English  ▼

X  

HRC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HRC
Description  ROOM HUMIDITY TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HRC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HRC Datasheet HTML 1Page - Greystone Energy Systems Inc. HRC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ROOM HUMIDITY TRANSMITTER
HRC SERIES
PRODUCT DESCRIPTION
The HRC series room humidity transmitter uses a
highly accurate and field-proven RH sensor in an
attractive low profile enclosure to monitor room
relative humidity levels. Additional options include
an occupancy override button, a slide-pot setpoint
control, a resistive temperature sensor and an LCD
display. The RH output can be field selected as a
linear 4-20 mA or 0-5 / 0-10 Vdc signal.
TYPICAL INSTALLATION
For complete installation and wiring details, please
refer to the product installation instructions.
The HRC series can be mounted directly to a single gang
electrical box or directly to a wall. Multiple mounting holes
are provided for connection to a variety of electrical boxes.
A terminal block connection is provided for connection to
the Building Automation System.
SENSOR
Thermoset polymer based capacitive
ACCURACY
±2, 3 or 5 %RH (5 to 95 %RH)
RANGE
0 to 100 %RH
RESOLUTION
0.01 %RH
HYSTERESIS
±0.8 %RH @ 25
°C (77°F)
RESPONSE TIME
8 seconds typical
STABILITY
<0.25 %RH/year
POWER SUPPLY
24 Vac/dc ±10% typical, 28 Vac/dc maximum
CONSUMPTION
20 mA @ 24 Vdc
SIGNAL
4-20 mA / 0-5 or - 0-10 Vdc (field selectable)
OUTPUT DRIVE @ 24 VDC
Current: 550 Ω maximum
Voltage: 10,000 Ω minimum
OPERATING CONDITIONS
0 to 50°C (32 to 122°F)
ENCLOSURE
White ABS, UL94-v0, IP30 (NEMA 1)
84mm W x 119mm H x 29mm D (3.3” x 4.7” x 1.15”)
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
OPTIONAL TEMPERATURE SENSOR
Various Thermistors and RTDs available as 2 wire resistive output
SETPOINT ADJUSTMENT
Type: Front panel slidepot, 2 wire resistance output
Range: 0K to 10K Ω standard
Custom Spans Available: 1K, 2K, 5K, 10K, or 20K Ω
MANUAL OVERRIDE
Type: Front panel, momentary pushbutton
Ratings: 50 mA @ 12 Vdc, N.O., SPST
LCD DISPLAY
Range: 00.0 to 99.9 %RH, 3 digit
Size: 38.1mm W x 16.5mm H (1.5” x 0.65”)
Digit Height: 11.43mm (0.45”)
Symbols: %RH
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
84mm
3.3”
58mm
2.3”
82.6mm
3.25”
29mm
1.15”
119mm
4.7”


Similar Part No. - HRC

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
HRC LEGRAND-HRC Datasheet
172Kb / 1P
cylindrical cartridge fuses
logo
List of Unclassifed Man...
HRC-4200 ETC2-HRC-4200 Datasheet
611Kb / 3P
Ergonomic Design . Designed to comfortably fit the user?셲 hands for anywhere and anytime operations
logo
Hitachi Semiconductor
HRC0103 HITACHI-HRC0103 Datasheet
29Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRC0103A RENESAS-HRC0103A Datasheet
68Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRC

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
22RTH-59-1 BELIMO-22RTH-59-1 Datasheet
611Kb / 5P
Room Sensor Humidity / Temperature
22RTM-59-1 BELIMO-22RTM-59-1 Datasheet
612Kb / 5P
Room Sensor CO??/ Humidity / Temperature
logo
Greystone Energy System...
PS-HAHRC GREYSTONE-PS-HAHRC Datasheet
690Kb / 2P
HIGH ACCURACY ROOM HUMIDITY TRANSMITTER
PS-DPRC GREYSTONE-PS-DPRC Datasheet
274Kb / 2P
ROOM DEWPOINT TRANSMITTER
PS-HAHTRC GREYSTONE-PS-HAHTRC Datasheet
315Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HANTRC GREYSTONE-PS-HANTRC Datasheet
219Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
HTRC GREYSTONE-HTRC Datasheet
226Kb / 2P
ROOM HUMIDITY / TEMPERATURE TRANSMITTER
RH100B GREYSTONE-RH100B Datasheet
211Kb / 2P
ROOM HUMIDITY TRANSMITTER
RH110B GREYSTONE-RH110B Datasheet
196Kb / 2P
ROOM HUMIDITY/TEMPERATURE TRANSMITTER
TXRC GREYSTONE-TXRC Datasheet
181Kb / 2P
ROOM TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com