Electronic Components Datasheet Search
  English  ▼

X  

HSOB Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HSOB
Description  OUTSIDE HUMIDITY TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HSOB Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HSOB Datasheet HTML 1Page - Greystone Energy Systems Inc. HSOB Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE HUMIDITY TRANSMITTER
HSOB SERIES
PRODUCT DESCRIPTION
The outside humidity transmitter uses a highly
accurate and reliable Thermoset Polymer based
capacitance humidity sensor and state-of-the-art
digital linearization and temperature compensated
circuitry to monitor humidity levels. The sensor
is encapsulated in a 12.7 mm (0.5”) diameter 304
S/S probe and is field replaceable. A 60 micron
HDPE filter protects the sensor for contaminants
and a sun and windshield for protection from the
elements. A weatherproof enclosure that provides
ease of installation is provided. An optional
integrated temperature sensor is available.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside transmitter should be mounted on an
outside North facing wall, under the eaves which
will provide protection from direct sunlight and
wind.
The outside transmitter can be mounted directly to
buildings wall face using the provided mounting
holes. There is a 0.86” hole for conduit connection
of the back of the enclosure.
SENSOR TYPE
Thermoset polymer based capacitive
SENSOR ACCURACY
±2, 3, or 5 %RH (5 to 95 %RH)
MEASUREMENT RANGE
0 to 100 %RH
RESOLUTION
±0.01 %RH
HYSTERESIS
±0.8 %RH @ 25°C (77°F)
RESPONSE TIME
8 seconds
STABILITY
<0.25% RH/year
AMBIENT OPERATING RANGE
-40 to 60°C (-40 to 140°F)
POWER SUPPLY
24 Vac/dc ~ ±10% typical, 28 Vac/dc maximum
CONSUMPTION
22 mA @ 24 Vdc, 70mA @24Vac
OUTPUT SIGNAL
4-20 mA / 0-1 Vdc, 0-5 Vdc, or 0-10 Vdc (field selectable)
OUTPUT DRIVE @ 24 VDC
Current: 550Ω max
Voltage: 10,000Ω min
OPTIONAL TEMPERATURE SENSOR
Feed Through Sensor: Various RTD’s and thermistors available as 2 wire
resistance output
PROBE MATERIAL
304 series stainless steel with porous filter
PROBE DIAMETER
12.7 mm (0.5”)
SUN AND WINDSHIELD
White polycarbonate, vented
Dimensions: 132mm x 38mm (5.19” x 1.5”)
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
OPTIONAL ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
132 mm
5.19"
82.5 mm
3.25"
69.8 mm
2.75"
92 mm
3.62"
38mm
1.5"
52.0 mm
2.05"
76.2 mm
3.00"
0.5” NPT
North
OSA Humidity
Transmitter


Similar Part No. - HSOB

ManufacturerPart #DatasheetDescription
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
Specific request can be addressed to RAKON
logo
Renesas Technology Corp
HSO-3530ARH/SAMPLE RENESAS-HSO-3530ARH/SAMPLE Datasheet
339Kb / 7P
Radiation Hardened Programmable Low Power Op Amps
Jun 18, 2018
logo
TEMEX
HSO13 TEMEX-HSO13 Datasheet
514Kb / 4P
10-13 Short-term stability class OCXO
logo
Rakon Limited
HSO13 RAKON-HSO13 Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO13PTH10812V10M RAKON-HSO13PTH10812V10M Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
More results

Similar Description - HSOB

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-DWOS GREYSTONE-PS-DWOS Datasheet
298Kb / 2P
OUTSIDE DEWPOINT TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HNOB GREYSTONE-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HSOS GREYSTONE-HSOS Datasheet
246Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXOS GREYSTONE-TXOS Datasheet
244Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com