Electronic Components Datasheet Search
  English  ▼

X  

TNFL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TNFL
Description  FLYING LEAD NETWORK TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TNFL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TNFL Datasheet HTML 1Page - Greystone Energy Systems Inc. TNFL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLYING LEAD NETWORK TEMPERATURE SENSOR
TNFL SERIES
PRODUCT DESCRIPTION
The single point flying lead network temperature
sensor incorporates a precision sensor
encapsulated in a 6 mm (0.236”) OD X 50 mm (2”),
304 series stainless steel probe. Standard wire
length is 1.83 m (6’). All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. The
transmitter provides a BACnet® or Modbus signal
for network connection. A compact ABS enclosure
with a hinged and gasketed cover is provided for
ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
A typical application for the flying lead type probes
is to monitor a single point temperature within
the duct. Install the probe in a straight section of
duct at a suitable distance downstream from any
heating, cooling, or humidification devices. Drill
a 3/8” hole in the top of the duct and hang the
sensor in the air-stream.
The enclosure provides mounting holes for ease of
installation
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
POWER SUPPLY
BACnet®: 24 Vac/dc ±10% (non-isolated half-wave rectified)
Modbus: 24 Vac/dc ±20% (non-isolated half-wave rectified)
CONSUMPTION
BACnet®: 25 mA max @ 24 Vdc
Modbus: 10 mA max @ 24 Vdc
OPERATING ENVIRONMENT
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
PROBE MATERIAL
304 series stainless steel
PROBE SIZE
6 mm (0.236”) OD x 50mm (2”) L
WIRE LENGTH
3.05m (10’)
WIRE MATERIAL
FT-6 rated plenum cable (22 AW)
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
TEMPERATURE
Sensing Element: NTC thermistor
Accuracy: ±0.2°C (±0.36°F) @ 0 to 70°C (32 to 158°F)
Probe Sensing Range: -40 to 60°C (-40 to 140°F)
Resolution: 0.1°C/°F
BACnet® COMMUNICATIONS INTERFACE
Hardware: 2 wire RS-485
Software: Native BACnet® MS/TP protocol
Baud Rate: 9600, 19200, 38400, 57600, 76800, or 115200 (auto-detect)
Network Address Range: Locally set to 0-127
Serial Configuration: 8N1
MODBUS COMMUNICATIONS INTERFACE Hardware: 2 wire RS-485
Software: Native Modbus MS/TP protocol (RTU)
Baud Rate: 9600, 19200, 38400, 57600, 76800, or 115200 (auto-detect)
Network Address Range: Locally set to 1-255 (switch selectable)
Parity: None
Stop Bits: 1
Error Checking: A001 (CRC-16 reverse)
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and transient protected
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
1/2” NPT
76.2 mm
3.00"
52.0 mm
2.05"
1.83 m
6.00’
6.0 mm
0.236"
50 mm
2”
FT-6 Rated Plenum Cable, 22 AWG
304 Series S/S Probe


Similar Part No. - TNFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
logo
HolyStone International
TNFLA0E107MTRF HOLYSTONECAPS-TNFLA0E107MTRF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNFLA0E107MTRXF HOLYSTONECAPS-TNFLA0E107MTRXF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNFLA0G686MTRF HOLYSTONECAPS-TNFLA0G686MTRF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TNFLA1A336MTRXF HOLYSTONECAPS-TNFLA1A336MTRXF Datasheet
53Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TNFL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSFL GREYSTONE-PS-HATSFL Datasheet
167Kb / 1P
HIGH ACCURACY FLYING LEAD TEMPERATURE SENSOR
PS-HATXFL GREYSTONE-PS-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
PS-TNGL GREYSTONE-PS-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
PS-TNOS GREYSTONE-PS-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
05/20
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
FLYING LEAD TEMPERATURE SENSOR
02/20
TDFL GREYSTONE-TDFL Datasheet
214Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
TNGL GREYSTONE-TNGL Datasheet
318Kb / 2P
GLASS NETWORK TEMPERATURE SENSOR
TNOS GREYSTONE-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com