Electronic Components Datasheet Search
  English  ▼

X  

PT2579 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2579
Description  RDS Demodulator IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2579 Datasheet HTML 1Page - Princeton Technology Corp PT2579 Datasheet HTML 2Page - Princeton Technology Corp PT2579 Datasheet HTML 3Page - Princeton Technology Corp PT2579 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2579 v1.3
- 3 -
April. 2004
RDS Demodulator IC
PT2579
APPLICATION CIRCUIT
QUAL
RDCL
RDDA
T57
VREF
OSC2
MUXL
OSC1
AVDD
DVDD
AVSS
DVSS
CIN
TEST
SCOUT
MODE
560pF
+5V
0.1uF
2.2uF
330pF
MUX
SIGNAL
2.2k
Ω
4.332/8.664MHz
47pF
82pF
0.1uF
+5V
+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PT2579
Notes:
1. Two crystal frequencies may be used via the MODE pin. Please refer to the table below.
2. For the 4.332MHz Crystal, it is recommended to use TXC 6A04300098 or a component with the
same specifications.
MODE Pin State
Crystal Clock Frequency (MHz)
LOW
4.332
HIGH
8.664



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com