Electronic Components Datasheet Search
  English  ▼

X  

TSRC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSRC
Description  ROOM TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSRC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSRC Datasheet HTML 1Page - Greystone Energy Systems Inc. TSRC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ROOM TEMPERATURE SENSOR
TSRC SERIES
PRODUCT DESCRIPTION
The TSRC series is an attractive, low profile enclosure
that incorporates a precision temperature sensor
used to monitor room temperatures. Additional
options are available that include setpoint
adjustment, manual override, fan speed and LCD.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The TSRC series can be mounted directly to a single
gang electrical box or directly to a wall. Insulating
foam is adhered to the back of the enclosure
to provide a thermal barrier from internal wall
temperatures.
A terminal block connection is provided for
connection to the Building Automation System.
There are several wiring configurations depending
on the options selected.
SENSING ELEMENT
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
White ABS, IP30 (NEMA 1)
84mm W x 119mm H x 29mm D (3.3” x 4.7” x 1.15”)
WIRING CONNECTIONS
Sensor Only: Pigtail, 2 or 3 wire
With Options: Terminal block (14 to 22 AWG)
OPTIONAL OVERRIDE SWITCH
Front panel, momentary pushbutton, N.O., SPST, 50 mA @ 12 Vdc
OPTIONAL SETPOINT SLIDE POT
Range: Front panel pot as resistive output, 0-10,000Ω standard
Custom Spans Available: 1K, 2K, 5K, 10K, 20 KΩ
OPTIONAL FAN SPEED SWITCH
Range: Off, Auto, Low, Medium, High
Signal: Resistive - 0, 2, 4, 6, 8 & 10 KΩ (custom ranges available)
Type: Side mounted, 5 position slide switch
Designators: Off, Auto, Low, Medium, High
OPTIONAL LED INPUT
Signal Type: Active high, low or 2 wire, 5V current limit standard
Colors: Red (R), Green (G), or Yellow (Y)
Power Supply: 5 Vdc standard, 10 Vdc or 24 Vdc optional
OPTIONAL COMMUNICATION JACKS
4 pin header to 4 pin terminal block
OPTIONAL LCD DISPLAY
Power Supply: 12-24 Vdc / 24 Vac ±10%
Protection Circuitry: Reverse voltage protected
Consumption @ 24 Vdc: 13 mA max (no backlight)
23 mA max (with backlight)
Range: 0.0 - 35.0°C or 32.0 - 95.0°F selectable via jumper
Resolution: 0.1°C/°F
Size: 38.1mm W x 16.5mm H (1.5” x 0.65”)
Digit Height: 11.43mm (0.45”)
Symbols: °C, °F, OCC
Backlight: Enable or disable via jumper
OPTIONAL OCCUPIED INPUT
Signal Input: Digital input, 0-5 Vdc standard, active low
Action: Causes “OCC” segment to light on LCD
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
58mm
2.3”
82.6mm
3.25”
29mm
1.15”
119mm
4.7”
84mm
3.3”


Similar Part No. - TSRC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-065 SUNTAN-TSR-065 Datasheet
1Mb / 2P
Trimming Potentiometer - TSR-065
TSR-065 SUNTAN-TSR-065_17 Datasheet
1Mb / 2P
Trimming Potentiometer ??TSR-065
TSR-105H SUNTAN-TSR-105H Datasheet
486Kb / 2P
Trimming Potentiometer - TSR-105H
TSR-105H SUNTAN-TSR-105H_17 Datasheet
517Kb / 2P
Trimming Potentiometer ??TSR-105H
logo
FOTEK CONTROLS CO., LTD...
TSR-10AA-H-R FOTEK-TSR-10AA-H-R Datasheet
2Mb / 5P
Solid State Module
More results

Similar Description - TSRC

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
01RT-5B-0 BELIMO-01RT-5B-0 Datasheet
469Kb / 3P
Room Sensor Temperature
22RT-59-1 BELIMO-22RT-59-1 Datasheet
609Kb / 4P
Room Sensor Temperature
22RTH-59-1 BELIMO-22RTH-59-1 Datasheet
611Kb / 5P
Room Sensor Humidity / Temperature
22RTM-59-1 BELIMO-22RTM-59-1 Datasheet
612Kb / 5P
Room Sensor CO??/ Humidity / Temperature
P-01RT-5B-0 BELIMO-P-01RT-5B-0 Datasheet
582Kb / 4P
Room Sensor Temperature
logo
Greystone Energy System...
PS-HATSPC GREYSTONE-PS-HATSPC Datasheet
204Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-TE200A GREYSTONE-PS-TE200A Datasheet
136Kb / 1P
MICRO ROOM TEMPERATURE SENSOR
PS-TE200AD GREYSTONE-PS-TE200AD Datasheet
186Kb / 1P
DESIGNER ROOM TEMPERATURE SENSOR
TSPC GREYSTONE-TSPC Datasheet
179Kb / 2P
ROOM TEMPERATURE SENSOR
logo
E+E Elektronik Ges.m.b....
TES201 EPLUSE-TES201 Datasheet
965Kb / 8P
Room Sensor for Temperature
10-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com