Electronic Components Datasheet Search
  English  ▼

X  

TSSO Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSSO
Description  STRAP-ON TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSSO Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSSO Datasheet HTML 1Page - Greystone Energy Systems Inc. TSSO Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
STRAP-ON TEMPERATURE SENSOR
TSSO SERIES
PRODUCT DESCRIPTION
The single point strap-on temperature sensor
has a precision sensor bonded to a machined
aluminum heat sink. A 254mm (10”) S/S pipe
clamp is provided to secure the assembly to
various sizes of pipe. All probes are constructed to
provide excellent heat transfer, fast response and
are potted to resist moisture penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The single point sensor series can be mounted
directly to various sizes of pipes and secured using
the 10” S/S pipe clamp.
If necessary, remove a section of insulation
from the pipe. The 10” S/S pipe clamp is a “Quick
Release” type and can be separated by moving
the tightening screw so that it is perpendicular to
the clamp and sliding the clamp apart. Position
the aluminum plate on the pipe so it makes the
best contact, wrap the clamp around the pipe and
re-assemble and tighten. Any excess clamp may be
cut off.
Wiring connections are made inside the enclosure
using a 2 or 3 wire pigtail.
SENSOR TYPE
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
PROBE MATERIAL
Machined aluminum heat sink
PROBE SIZE
38.1mm x 12.7mm (1.5” x 0.5”)
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
C: same as A, with a terminal block
E: Same as C, with thread adapter and cable gland fitting
TERMINATION
A: Pigtail, 2 or 3 wire
C & E: Terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
82.5 mm
3.25"
52.0 mm
2.05"
28.6 mm
1.125"
Machined Aluminum
Heat Sink
0.5” NPT
254 mm (10”)
S/S Pipe Clamp
Quick Release
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION


Similar Part No. - TSSO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
20-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Amkor Technology
TSSOP AMKOR-TSSOP Datasheet
780Kb / 3P
ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based
12/21
TSSOP AMKOR-TSSOP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
TSSOP AMKOR-TSSOP Datasheet
502Kb / 2P
TSSOP (Thin Shrink Small Outline Package) and MSOP (Mini Small Outline Package) are leadframe based, plastic encapsulated packages
12/21
logo
TT Electronics.
TSSOP TTELEC-TSSOP Datasheet
562Kb / 4P
Surface Mount TSSOP Resistor Networks
08.21
More results

Similar Description - TSSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATSSO GREYSTONE-PS-HATSSO Datasheet
302Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE SENSOR
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
PS-TNSO GREYSTONE-PS-TNSO Datasheet
365Kb / 2P
STRAP-ON NETWORK TEMPERATURE TRANSMITTER
TNRP GREYSTONE-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSRP GREYSTONE-TSRP Datasheet
280Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
TXSO GREYSTONE-TXSO Datasheet
366Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER
logo
Siemens Semiconductor G...
QAD2 SIEMENS-QAD2 Datasheet
171Kb / 6P
Strap-on temperature sensor
2017-12-01
logo
Honeywell Solid State E...
SF00 HONEYWELL-SF00 Datasheet
445Kb / 2P
STRAP-ON TEMPERATURE SENSORS
logo
E+E Elektronik Ges.m.b....
EE441 EPLUSE-EE441 Datasheet
913Kb / 7P
Strap-on Temperature Sensor
10-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com