Electronic Components Datasheet Search
  English  ▼

X  

RT9205 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9205
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9205 Datasheet HTML 1Page - Richtek Technology Corporation RT9205 Datasheet HTML 2Page - Richtek Technology Corporation RT9205 Datasheet HTML 3Page - Richtek Technology Corporation RT9205 Datasheet HTML 4Page - Richtek Technology Corporation RT9205 Datasheet HTML 5Page - Richtek Technology Corporation RT9205 Datasheet HTML 6Page - Richtek Technology Corporation RT9205 Datasheet HTML 7Page - Richtek Technology Corporation RT9205 Datasheet HTML 8Page - Richtek Technology Corporation RT9205 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary
RT9205/A
DS9205/A-03 May 2003
www.richtek.com
1
Dual Regulators - Synchronous Buck PWM DC-DC and
Linear Controller
General Description
The RT9205/A is a dual-output power controllers
designed for high performance graphics cards and
personal
computers.
The
IC
integrates
a
synchronous buck controller, a linear controller and
protection functions into a small 14-pin package.
The RT9205/A uses an internal compensated voltage
mode PWM control for simplying design. An internal
0.8V reference allows the output voltage to be
precisely regulated to meet low output voltage
requirement. A fixed 300kHz oscillation frequency
reduces the component size for saving board area.
The RT9205/A also features over voltage protection
(OVP) and under voltage lock-out (UVLO).
Applications
PC Motherboard
Cable Modems, Set-Top-Box, and XDSL Modems
DSP and Core Communications Processor Supplies
Memory Power Supplies
Personal Computer Peripherals
Industrial Power Supplies
5V Input DC-DC Regulators
Low Voltage Distributed Power Supplies
Graphic Cards
Features
Operates at 5V
0.8V Internal Reference
Drives Two N-channel MOSFET
Voltage Mode PWM Control
Fast Transient Response
Fixed 300kHz Oscillator Frequency
Dynamic 0~100% Duty Cycle
Internal PWM Loop Compensation
Internal Soft-Start
Adaptive Non-overlapping Gate Driver
Over-voltage Protection Uses Lower MOSFET
Pin Configurations
Part Number
Pin Configurations
RT9205/ACS
(Plastic SOP-14)
TOP VIEW
Ordering Information
RT9205/A
LGATE
PGND
GND
VCC
1
2
3
4
14
13
12
11
UGATE
BOOT
NC
NC
DRV
FBL
NC
5
6
7
10
9
8
NC
FB
NC
Operating Temperature Range
C : Commercial Standard
Package Type
S : SOP-14
UVP : Hiccup Mode
UVP : Latch Mode


Similar Part No. - RT9205

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205AGS RICHTEK-RT9205AGS Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205APS RICHTEK-RT9205APS Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205GS RICHTEK-RT9205GS Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205PS RICHTEK-RT9205PS Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results

Similar Description - RT9205

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com