Electronic Components Datasheet Search
  English  ▼

X  

TXDR Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TXDR
Description  RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TXDR Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TXDR Datasheet HTML 1Page - Greystone Energy Systems Inc. TXDR Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
TXDR SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
PRODUCT DESCRIPTION
The multi-point rigid duct average temperature
transmitter incorporates numerous precision
platinum RTD’s at equal distances, encapsulated
in a 6.00mm (0.236”) OD, 304 series stainless steel
probe and is available in various lengths. All probes
provide excellent heat transfer, fast response, and
resist moisture penetration. A transmitter that
provides a high accuracy signal with excellent long
term stability, low hysteresis and fast response is
available with various ranges.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The rigid duct average type probes are installed
in the side of the duct to monitor the average
temperature within the duct. Select a probe length
that allows the probe to span the duct width. Install
the probe in a straight section of duct at a suitable
distance downstream from any heating, cooling, or
humidification devices.
The enclosure provides mounting tabs for ease of
installation.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 60°C (-40 to 140°F)
WIRE MATERIAL
PVC/Kynar, 28 AWG
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0.236”)
STANDARD LENGTHS
450, 600, 900 mm
(18”, 24”, 36”)
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600 mA maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 Vdc or 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
Various Probe Lengths
See Specifications
6 mm
(0.236")
76.2 mm
3.00"
0.5" NPT
Foam Gasket
304 Series S/S Probe
52.0 mm
2.05"


Similar Part No. - TXDR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXD0A PANASONIC-TXD0A Datasheet
400Kb / 30P
8-bit Single-chip Microcontroller
TXD0B PANASONIC-TXD0B Datasheet
400Kb / 30P
8-bit Single-chip Microcontroller
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
433.92/868.35 MHz Hybrid Transmitter
logo
C&D Technologies
TXD1005KASLPLNH CANDD-TXD1005KASLPLNH Datasheet
161Kb / 4P
1000 WATT AC/DC POWER SUPPLY
TXD1005LASLPLNH CANDD-TXD1005LASLPLNH Datasheet
161Kb / 4P
1000 WATT AC/DC POWER SUPPLY
More results

Similar Description - TXDR

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDDR GREYSTONE-PS-HATDDR Datasheet
279Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
PS-HATXDF GREYSTONE-PS-HATXDF Datasheet
437Kb / 2P
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-HATXDR GREYSTONE-PS-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-TNDR GREYSTONE-PS-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PS-TSDR GREYSTONE-PS-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
TDDR GREYSTONE-TDDR Datasheet
212Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
TNDR GREYSTONE-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TXDC GREYSTONE-TXDC Datasheet
383Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
TXDF GREYSTONE-TXDF Datasheet
436Kb / 2P
FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com