Electronic Components Datasheet Search
  English  ▼

X  

ECP Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # ECP
Description  PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

ECP Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  ECP Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECP
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 2: Apr. 2015
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
FEATURES:
WIDE FREQUENCY RANGES
COMPLEMENTARY OUTPUT
STANDARD PACKAGE
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
0.75MHz ~ 800.0MHz
FREQUENCY STABILITY
±10ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: 0ºC ~ 70ºC (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55ºC ~ 105ºC
SUPPLY VOLTAGE ±5%
3.3VDC, 5.0VDC
SUPPLY CURRENT
24 MHz ~ 800 MHz
25mA max. ~ 100mA max.
OUTPUT
LOGIC FAMILY
PECL
LOAD
50
 (into VDD - 2.0VDC)
LEVEL LOGIC ‘1’ (VOH)
VDD - 1.025VDC min.
LEVEL LOGIC ‘0’ (VOL)
VDD - 1.620VDC max.
SYMMETRY (DUTY CYCLE)
45% / 55%
RISE AND FALL TIME (Tr/Tf)
1.0nS max.
STAND-BY
VOLTAGE *
ENABLE (VIL)
0.8VDC max.
DISABLE (VIH)
2.0VDC min. or N/C
AGING @ 25°C ± 3°C
±3.0ppm / 1st year max.
PHASE JITTER RMS (12KHZ ~ 20MHZ)
1.0pS max. (Fundamental), 3pS max. (PLL)
■ TEST CIRCUIT
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
Unit:mm
Insulated stand-offs
15.24
7.62
1
7
14
8
6.3
7.24
0.8
0.45
20.8
Dot denotes pin 1 location
13.2
Unit : mm
Pin Configuration
1
C.Ouput /
En/Dis /
N.C.
7
GND
8
OUTPUT
14
VDD
Oscillator Type
ECP-5200: 5.0V
ECP-3300: 3.3V
For tri-state output add “T”
Frequency
Please specify
frequency in MHz
Package Size
F:
14pin DIP full size
FG: 14pin DIP gull wing
Frequency Stability
Symmetry
Blank: 40/60%
S:
45/55%
Operating Temp.
Blank: 0° to 70°C
ET: -40° to 85°C
F
ECP-5200
24.000M
S
100
ET
100: ± 100ppm
50: ± 50ppm
30: ± 30ppm
25: ± 25ppm
20: ± 20ppm
15:
± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
PECL Levels
VDD
2.0V
50Ω
50Ω
OUT
OUT
* Disable (VIL) / Enable (VIH) is also available.
MARKING


Similar Part No. - ECP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ECP HAMMOND-ECP Datasheet
168Kb / 3P
Systeme de commande Eclipse - NEMA 12
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
List of Unclassifed Man...
ECP ETC-ECP Datasheet
126Kb / 1P
EURO CONVERTER PLUG (ECP)
ECP-100 ETC-ECP-100 Datasheet
350Kb / 1P
Single-Ear Hose Clamp Pliers, Straight Jaw
ECP-5414 ETC-ECP-5414 Datasheet
194Kb / 1P
AMD Geode??GX1 Communication Platform
More results

Similar Description - ECP

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
495-28.0M-5DN-T OSCILENT-495-28.0M-5DN-T Datasheet
142Kb / 2P
5 x 7 Ceramic 6 Pad PECL Output
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Transko Electronics, In...
EXO TRANSKO-EXO Datasheet
424Kb / 1P
ECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 1: Jul. 2014
OX-F TRANSKO-OX-F Datasheet
325Kb / 2P
OCXO 20.8 X 13.2 X 10.0mm 14PIN DIP FULL SIZE
Rev. 4: 02-20-20
SXI TRANSKO-SXI Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Rev. 2: 01-30-19
SXO TRANSKO-SXO Datasheet
179Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 4: Sep. 2019
SXP TRANSKO-SXP Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.7 x 7.5mm)
Rev. 2: 01-30-19
SXS TRANSKO-SXS Datasheet
459Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Ver. 1: Jan. 2015
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TPSM3 TRANSKO-TPSM3 Datasheet
107Kb / 1P
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com