Electronic Components Datasheet Search
  English  ▼

X  

THC22 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # THC22
Description  ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

THC22 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  THC22 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THC22
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 1: Jul. 2014
Rev. 0: Apr. 2019
ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
FEATURES:
•
LOW PHASE NOISE
•
•
•
•
RoHS COMPLIANT
•
•
•
•
HCSL OUTPUT
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
13.500MHz ~ 156.25MHz
FREQUENCY STABILITY
±20ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: -20°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
SUPPLY VOLTAGE ± 5%
1.8VDC, 2.5VDC, 3.3VDC
SUPPLY CURRENT
40mA max.
OUTPUT
LOGIC FAMILY
HCSL square wave
LOAD
50
(Between output and GND)
LEVEL LOGIC ‘1’ (VOH)
900mV max.
LEVEL LOGIC ‘0’ (VOL)
SYMMETRY(DUTY CYCLE)
45% / 55%
RISE AND FALL TIME (Tr/Tf)
1.0 nS max.
START-UP TIME
10mS max.
STAND-BY
VOLTAGE
ENABLE (VIH)
0.7 x VDD ≤ VIH ≤ VDD or N/C
DISABLE (VIL)
VIL ≤ 0.3 x VDD
STAND-BY CURRENT
10µA max.
AGING @ 25°C ± 3°C
±3.0ppm / year max.
PHASE JITTER RMS
1.0ps. max.
PHASE NOISE @ (100MHZ OFFSET)
-74dBC/Hz Typ. @10HZ
-106dBC/Hz Typ. @100 HZ
-130dBC/Hz Typ. @1KHZ
-143dBC/Hz Typ. @10KHZ
-148dBC/Hz Typ. @100KHZ
-153dBC/Hz Typ. @1MHZ
-158dBC/Hz Typ. @10MHZ
-150mV min.
■ PACKAGE DIMENSIONS
1
En/Dis or N.C.
2
N.C.
3
GND
4
Output
Pin Configuration
5
C. Output
6
VDD
Unit : mm
■ PART NUMBERING GUIDE
Product series
Output
C: HCSL
THC22
C
50
HM
27.000M
TR
T
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
20: ± 20ppm
10: ± 10ppm
XX: Two digit for
Stability
Operating Temperature
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
X:custom
Supply Voltage
18: 1.8 Volt
25: 2.5 Volt
33: 3.3 Volt
Tristate
T1: En/Dis, pin#1
Frequency
M: MHz
Tape and Reel
TR:
3000/reel
Blank: Cut tape
33
MARKING
2.5±0.1
6
4
3
1
0.5
5
0.6
0.6
1.3
2
S
■ SOLDER PATTERN
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-
heating
<10 Sec
<120 Sec
170 ±5°C
Unit : mm
■ REFLOW PROFILE
0.7
0.6
1.2
1.85
0.6
0.55


Similar Part No. - THC22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THC2218 ETC1-THC2218 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2219 ETC1-THC2219 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2221 ETC1-THC2221 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2222 ETC1-THC2222 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
THC2243 ETC1-THC2243 Datasheet
77Kb / 1P
BIOPOLAR TRANSISTOR CHIPS
More results

Similar Description - THC22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
THC32 TRANSKO-THC32 Datasheet
300Kb / 1P
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM2 TRANSKO-TISM2 Datasheet
165Kb / 1P
ULTRA MINIATURE SMD LVDS OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
YHC53 TRANSKO-YHC53 Datasheet
119Kb / 1P
ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev. 0: Apr. 2019 Rev. 1: Jul. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com