Electronic Components Datasheet Search
  English  ▼

X  

THC32 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # THC32
Description  CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

THC32 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  THC32 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THC32
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 1: Jul. 2014
Rev. 1: Jan. 2020
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
FEATURES:
•
LOW PHASE NOISE
•
RoHS COMPLIANT
•
HCSL OUTPUT
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
13.500MHz ~ 160.000MHz
FREQUENCY STABILITY
±20ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: -20°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
SUPPLY VOLTAGE ± 5%
1.8VDC, 2.5VDC, 3.3VDC
SUPPLY CURRENT
40mA max.
OUTPUT
LOGIC FAMILY
HCSL square wave
LOAD
50Ω (Between output and GND)
LEVEL LOGIC ‘1’ (VOH)
900mV max.
LEVEL LOGIC ‘0’ (VOL)
-
150mV min.
SYMMETRY(DUTY CYCLE)
45% / 55%
RISE AND FALL TIME (Tr/Tf)
1.0 nS max.
START-UP TIME
10mS max.
STAND-BY
VOLTAGE
ENABLE (VIH)
0.7 x VDD ≤ VIH ≤ VDD or N/C
DISABLE (VIL)
VIL ≤ 0.3 x VDD
STAND-BY CURRENT
10µA max.
AGING @ 25°C ± 3°C
±3.0ppm / year max.
PHASE JITTER RMS
1.0ps. max.
PHASE NOISE @ (100MHz OFFSET)
-
74dBC/Hz Typ. @10HZ
-
106dBC/Hz Typ. @100 HZ
-
130dBC/Hz Typ. @1KHZ
-
143dBC/Hz Typ. @10KHZ
-
148dBC/Hz Typ. @100KHZ
-
153dBC/Hz Typ. @1MHZ
-
158dBC/Hz Typ. @10MHZ
■ PACKAGE DIMENSIONS
■ PART NUMBERING GUIDE
Product series
Output
C: HCSL
THC32
C
50
HM
27.000M
TR
T
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
20: ± 20ppm
10: ± 10ppm
XX: Two digit for
Stability
Operating Temperature
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
X:custom
Supply Voltage
18: 1.8 Volt
25: 2.5 Volt
33: 3.3 Volt
Tristate
T: En/Dis, pin#1
Frequency
M: MHz
Tape and Reel
TR:
3000/reel
Blank: Cut tape
33 S
6
4
3
1
0.6
5
2
2.4
■ SOLDER PATTERN
2.8
0.9
Unit :mm
■ REFLOW PROFILE
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
0.8
3.2 ±0.1
MARKING
Pin Configuration
1
En/Dis or N.C.
2
N.C.
3
GND
4
Output
5
C. Output
6
VDD
Unit : mm


Similar Part No. - THC32

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
24Bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC32

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM3 TRANSKO-TISM3 Datasheet
314Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 3: 02-02-22
TPSM3 TRANSKO-TPSM3 Datasheet
107Kb / 1P
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019
TSM32 TRANSKO-TSM32 Datasheet
298Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 7: 02-24-2022
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com