Electronic Components Datasheet Search
  English  ▼

X  

THH Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # THH
Description  TCXO/VCTCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

THH Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  THH Datasheet HTML 1Page - Transko Electronics, Inc. THH Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
THH
Rev. 1: Dec. 2014
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ PART NUMBERING GUIDE
Unit : mm
Pin Connections
TX
VTX
1
N.C
VC
7
GND
8
Output
14
VDD
6.3±0.5
5.1 max
0.9 max.
ø0.45±0.1
7.62±0.3
7.62±0.3
12.7 max.
12.7 max.
■ PACKAGE DIMENSIONS
7
8
1
14
Insulated stand-offs
Internal Trimmer (Option)
TRANSKO
Part No.
Freq.
Date Code
THH
15
P
05
VOLTAGE
Blank: 5V
Z: 3.3V
FREQUENCY
Please Specify
Frequency in MHz
TYPE
THH:
TCXO
VTHH: VCTCXO
OUTPUT
P: Clipped Sine Wave
Q: Sine Wave
R: CMOS
S: TTL
J
TRIMMER
Blank: No Trimmer
Y: Trimmer
Y
PULLABILITY (VTX Option)
Please Specify in 2 Digits
05: ± 5ppm
10: ± 10ppm
Call for Higher Pullability
STABILITY
Please Specify in 2 Digits
05: ± 0.5ppm
10: ± 1.0ppm
15: ± 1.5ppm
20: ± 2.0ppm
25: ± 2.5ppm
50: ± 5.0ppm
Other options available.
20.000M
FREQUENCY
Please Specify
Frequency in MHz
OPERATING TEMP.
H: 0°C to 50°C
I: -10°C to 60°C
J: -10°C to 70°C K: -20°C to 70°C
L: -30°C to 70°C M: -40°C to 85°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com