Electronic Components Datasheet Search
  English  ▼

X  

TIP22 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TIP22
Description  MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TIP22 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TIP22 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
TLP22
RoHS
Compliant
Rev.1: Mar. 2015
■ SPECIFICATION
FREQUENCY
32.768kHz
FREQUENCY STABILITY
STD: ±50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
-
40°C ~ 85°C
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
SUPPLY VOLTAGE ±10%
1.8V ~ 3.3V
SUPPLY CURRENT
10µA max.
OUTPUT
LOGIC FAMILY
HCMOS
LOAD
15pF
LEVEL LOGIC ‘1’ (VOH)
0.9 x VDD min.
LEVEL LOGIC ‘0’ (VOL)
0.1 x VDD max.
SYMMETRY(DUTY CYCLE)
40% / 60%
RISE AND FALL TIME (Tr/Tf)
30nS Max.
START-UP TIME
10mS Max.
STAND-BY
VOLTAGE
ENABLE (VIH)
0.7 x VDD ≤ VIH ≤ VDD or N/C
DISABLE (VIL)
VIL ≤ 0.3 x VDD
AGING @ +25°C ±3°C
±3.0ppm / 1st year max.
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ SOLDER PATTERN
■ REFLOW PROFILE
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
FEATURES:
HCMOS OUTPUT @ 32.768kHz
LOW POWER CONSUMPTION
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
Unit : mm
2.5±0.1
4
3
2
1
4
3
2
1
0.95
0.675
*Z: high impedance
Pin Configuration
1
Disable Enable
2
GND
3
Z*
Output
4
VDD
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
20: ± 20ppm
Product series
Output
H: HCMOS
Tristate
T: En/Disable
Frequency
K: kHz
Operating Temperature
CQ: -40 ~ 85°C
Supply Voltage
18: 1.8 Volt
25: 2.5 Volt
33: 3.3 Volt
Tape and Reel
TR:
3000/reel
Blank: Cut tape
TLP22
H 50 CQ
R
32.768K
TR
T
33
Symmetry
R: 40/60%
*0.01µF to 0.1µF bypass capacitor recommended
Marking
Unit :mm
0.9
0.8
1.25
1.65


Similar Part No. - TIP22

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TIP2 TIMOTION-TIP2 Datasheet
237Kb / 4P
Input voltage 90~305V AC
20220322-B
logo
New Jersey Semi-Conduct...
TIP246D NJSEMI-TIP246D Datasheet
51Kb / 1P
Sensitive Gate Triacs
logo
List of Unclassifed Man...
TIP250 ETC2-TIP250 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
logo
TEWS Technologies GmbH
TIP250 TEWS-TIP250 Datasheet
267Kb / 2P
8 Mbytes Flash Memory
2017-09-27
logo
List of Unclassifed Man...
TIP250-10 ETC2-TIP250-10 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
More results

Similar Description - TIP22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CT22 TRANSKO-CT22 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.5 x 2.0 x 1.0mm)
Rev. 1: 10-10-19
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com