Electronic Components Datasheet Search
  English  ▼

X  

TCRO2160 Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TCRO2160
Description  SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCRO2160 Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TCRO2160 Datasheet HTML 1Page - Transko Electronics, Inc. TCRO2160 Datasheet HTML 2Page - Transko Electronics, Inc. TCRO2160 Datasheet HTML 3Page - Transko Electronics, Inc. TCRO2160 Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
TCRO
RoHS
Compliant
Rev. 1: Oct. 2015
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
MODEL
FREQ.
(MHz)
TUNING
VOLTAGE
(V)
TUNING
SENSITIVITY
(MHz/V)
POWER
OUTPUT
(dBm) Typ
FREQ.
DRIFT
(MHz) Typ
PHASE NOISE
@10/100kHz
(dBc/Hz) Typ
HARMONICS
(dBc )Typ
POWER
SUPPLY
(V/mA)max
INPUT
CAPACITANCE
(pF) Typ
PKG
TCRO2048
2048
0.5-4.5
5
5
4
-
120/-140
-
15
5/30
56
SMD1
TCRO2057
2047-2067
0.5-4.5
12
3
4
-
116/-136
-
15
5/30
56
SMD1
TCRO2563W
2375-2715
1-14
25-35
6±2
8
-
105/-125
-
15
5/30
56
SMD1
TCRO2065
2025-2105
0.4-5.4
20
4
6
-
109/-129
-
15
5/30
56
SMD1
TCRO2105
2095-2115
0.5-4.5
10
6
4
-
117/-137
-
15
8/33
56
SMD1
TCRO2130
2120-2140
0.5-4.5
10
7
4
-
116/-136
-
15
8/28
56
SMD1
TCRO2133
2133
0.5-4.5
7
3
4
-
117/-137
-
15
5/30
56
SMD1
TCRO2160
2140-2171
0.5-4.5
13
7
4
-
116/-136
-
15
5/30
56
SMD1
TCRO2185
2171-2199
0.5-4.5
11
3
4
-
117/-137
-
15
5/30
56
SMD1
TCRO2200
2200
0.5-4.5
7
3
4
-
122/-142
-
15
5/30
56
SMD2
TCRO2207
2167-2247
0.4-5.4
20
4
6
-
109/-129
-
15
5/30
56
SMD1
TCRO2225
2215-2235
0.5-4.5
9
2
4
-
118/-138
-
15
5/30
56
SMD1
TCRO2250
2235-2265
0.5-4.5
15
4
4
-
115/-135
-
15
5/30
56
SMD1
TCRO2278
2265-2291
0.5-4.5
12
5
4
-
117/-137
-
15
8/30
56
SMD1
TCRO2300
2290-2310
0.5-4.5
10
5
5
-
116/-136
-
15
5/30
56
SMD1
TCRO2350
2340-2360
0.5-4.5
10
5
5
-
117/-137
-
15
5/30
56
SMD1
TCRO2370
2360-2380
0.5-4.5
10
6
5
-
115/-135
-
15
5/30
56
SMD1
TCRO2387
2377-2397
0.5-4.5
10
6
5
-
115/-135
-
15
5/30
56
SMD1
TCRO2404
2371-2437
0.4-5.4
20
4
8
-
109/-129
-
15
5/30
56
SMD1
TCRO2425
2400-2450
0.5-4.5
20
6
8
-
115/-135
-
15
5/30
56
SMD1
TCRO2500
2480-2520
0.5-4.5
20
6
8
-
115/-135
-
15
5/30
56
SMD1
TCRO2550
2530-2570
0.5-4.5
20
5
8
-
114/-134
-
15
5/30
56
SMD1
TCRO2560
2540-2580
0.5-4.5
20
5
8
-
114/-134
-
15
8/28
56
SMD1
TCRO2575
2555-2595
0.5-4.5
19
3
8
-
113/-133
-
15
5/30
56
SMD1
TCRO2600
2590-2610
0.5-4.5
6
5
5
-
114/-134
-
15
5/30
56
SMD1
TCRO2630
2630
0.5-4.5
5
5
5
-
119/-139
-
15
5/30
56
SMD1
TCRO2640
2620-2660
0.5-4.5
20
5.4
8
-
113/-133
-
15
5/30
56
SMD1
TCRO2677
2657-2697
0.5-4.5
20
6
8
-
113/-133
-
15
8/30
56
SMD1
TCRO2680
2680
0.5-4.5
7
7
6
-
115/-135
-
15
5/30
56
SMD1
TCRO2700
2690-2710
0.5-4.5
12
8
6
-
114/-134
-
15
8/30
56
SMD1
TCRO2720
2705-2735
0.5-4.5
18
6
6
-
113/-133
-
15
5/30
56
SMD1
TCRO2735
2730-2740
0.5-4.5
5
6
5
-
117/-137
-
15
5/30
56
SMD1
TCRO2750
2730-2770
0.5-4.5
15
6
8
-
112/-132
-
15
5/30
56
SMD1
TCRO2750W
2500-3000
0-15
25-45
5±2
8
-
100/-120
-
15
5/30
56
SMD1
TCRO2780
2760-2800
0.5-4.5
15
6
8
-
112/-132
-
15
5/30
56
SMD1
TCRO2800
2795-2805
0-5
5
9
5
-
119/-139
-
15
8/28
56
SMD1
TCRO2825
2810-2840
0.5-4.5
13
5
6
-
115/-135
-
15
5/30
56
SMD1
TCRO2850
2845-2855
0.5-4.5
6
5
5
-
117/-137
-
15
5/25
56
SMD1
TCRO2880
2860-2900
0.5-4.5
23
5
8
-
111/-131
-
15
9/30
56
SMD1
TCRO2900
2900
0.5-4.5
7
5
5
-
116/-136
-
15
5/30
56
SMD1
TCRO2920
2900-2940
0.5-4.5
24
4
8
-
112/-132
-
15
9/30
56
SMD1
TCRO2973
2968-2978
0.5-4.5
5
4
6
-
119/-139
-
15
5/30
56
SMD1
TCRO2990
2962-3018
0.5-4.5
27
6
8
-
110/-130
-
15
9/30
56
SMD1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com