Electronic Components Datasheet Search
  English  ▼

X  

2SC5979 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5979
Description  NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5979 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5979 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5979 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5979 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5979 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5979
No.8070-1/4
Applications
•
DC / DC converter, relay drivers, lamp drivers, motor drivers, flash.
Features
•
Adoption of FBET, MBIT process.
•
High current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
•
Narrow hFE width.
•
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
100
V
Collector-to-Emitter Voltage
VCES
100
V
Collector-to-Emitter Voltage
VCEO
50
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
5A
Collector Current (Pulse)
ICP
7.5
A
Base Current
IB
1.2
A
Collector Dissipation
PC
0.8
W
Tc=25
°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=40V, IE=0
0.1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
0.1
µA
DC Current Gain
hFE
VCE=2V, IC=500mA
250
400
Continued on next page.
Ordering number : ENN8070
21405EA TS IM TB-00000319
2SC5979
NPN Epitaxial Planar Silicon Transistor
High-Current Switching Applications
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - 2SC5979

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5979 ISC-2SC5979 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
2SC5979 ISC-2SC5979 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
2SC5979-251 ISC-2SC5979-251 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
2SC5979-252 ISC-2SC5979-252 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5979

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5980 SANYO-2SC5980 Datasheet
38Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC5994 SANYO-2SC5994 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6071 SANYO-2SC6071 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6097 SANYO-2SC6097 Datasheet
46Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com