Electronic Components Datasheet Search
  English  ▼

X  

UPC324 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC324
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC324 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC324 Datasheet HTML 5Page - Renesas Technology Corp UPC324 Datasheet HTML 6Page - Renesas Technology Corp UPC324 Datasheet HTML 7Page - Renesas Technology Corp UPC324 Datasheet HTML 8Page - Renesas Technology Corp UPC324 Datasheet HTML 9Page - Renesas Technology Corp UPC324 Datasheet HTML 10Page - Renesas Technology Corp UPC324 Datasheet HTML 11Page - Renesas Technology Corp UPC324 Datasheet HTML 12Page - Renesas Technology Corp UPC324 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
µPC324
9
Data Sheet G11763EJ4V0DS
RECOMMENDED SOLDERING CONDITIONS
The
µPC324 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Surface mount device
µPC324G2: 14-pin plastic SOP (5.72 mm (225))
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 230
°C or below (Package surface temperature),
IR30-00-1
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 1 time.
Vapor Phase Soldering
Peak temperature: 215
°C or below (Package surface temperature),
VP15-00-1
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 1 time.
Wave Soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
WS60-00-1
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
Partial heating method
Pin temperature: 300
°C or below,
–
Heat time: 3 seconds or less (Per each side of the device).
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or
the device will be damaged by heat stress.
Through-hole device
µPC324C: 14-pin plastic DIP (7.62 mm (300))
Process
Conditions
Wave soldering
Solder temperature: 260
°C or below,
(only to leads)
Flow time: 10 seconds or less.
Partial heating method
Pin temperature: 300
°C or below,
Heat time: 3 seconds or less (per each lead.)
Caution For through-hole device, the wave soldering process must be applied only to leads, and make
sure that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com