Electronic Components Datasheet Search
  English  ▼

X  

UPC393G2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC393G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC393G2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC393G2 Datasheet HTML 1Page - Renesas Technology Corp UPC393G2 Datasheet HTML 2Page - Renesas Technology Corp UPC393G2 Datasheet HTML 3Page - Renesas Technology Corp UPC393G2 Datasheet HTML 4Page - Renesas Technology Corp UPC393G2 Datasheet HTML 5Page - Renesas Technology Corp UPC393G2 Datasheet HTML 6Page - Renesas Technology Corp UPC393G2 Datasheet HTML 7Page - Renesas Technology Corp UPC393G2 Datasheet HTML 8Page - Renesas Technology Corp UPC393G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
µPC393
2
Data Sheet G11766EJ5V0DS00
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Voltage between V+ and V–
Note 1
V+ –V–
–0.3 to +36
V
Differential Input Voltage
VID
±36
V
Input Voltage
Note 2
VI
V– –0.3 to V– +36
V
Output Voltage
Note 3
VO
V– –0.3 to V– +36
V
Power Dissipation
C Package
Note 4
PT
350
mW
G2 Package Note 5
440
mW
Output Short Circuit Duration
Note 6
Indefinite
sec
Operating Ambient Temperature
TA
–20 to +80
°C
Storage Temperature
Tstg
–55 to + 125
°C
Notes 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction independent of the
magnitude of V+. Either input signal should not be allowed to go negative by more than 0.3 V. The normal
operation will establish when any input is within the Common Mode Input Voltage Range of electrical
characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external
without damage or destruction independent of the magnitude of V+. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept.
4. Thermal derating factor is –5.0 mW/
°C when operating ambient temperature is higher than 55 °C.
5. Thermal derating factor is –4.4 mW/
°C when operating ambient temperature is higher than 25 °C.
6. Short circuits from the output to V+ can cause destruction. Pay careful attention to the total power
dissipation not to exceed the absolute maximum ratings, Note 4 and Note 5.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (Split)
V
±
±1
±16
V
Supply Voltage (V– = GND)
V+
+2
+32
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com