Electronic Components Datasheet Search
  English  ▼

X  

UPC324 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC324
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC324 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC324 Datasheet HTML 1Page - Renesas Technology Corp UPC324 Datasheet HTML 2Page - Renesas Technology Corp UPC324 Datasheet HTML 3Page - Renesas Technology Corp UPC324 Datasheet HTML 4Page - Renesas Technology Corp UPC324 Datasheet HTML 5Page - Renesas Technology Corp UPC324 Datasheet HTML 6Page - Renesas Technology Corp UPC324 Datasheet HTML 7Page - Renesas Technology Corp UPC324 Datasheet HTML 8Page - Renesas Technology Corp UPC324 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
μPC451, μPC324
R03DS0142EJ0100 Rev.1.00
Page 2 of 10
2019.1.17
PIN CONFIGURATION (Marking side)
EQUIVALENT CIRCUIT (1/4 Circuit)
1
OUT1
11 V -
2
II1
3
IN1
4
V +
14 OUT4
13 II4
12 IN4
7
OUT2
6
II2
5
IN2
8
OUT3
9
II3
10 IN3
4
-
+
1
+
-
3
2
II
Q1
Q2
IN
Q4
Q11
Q3
Q8
Q9
Q10
Q12
OUT
V -
V +
Q5
Q6
Q7
Q13
50 μA
100 μA
RSC
6 μA
6 μA
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com