Electronic Components Datasheet Search
  English  ▼

X  

LTC1798CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1798CS8
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1798CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1798CS8 Datasheet HTML 1Page - Linear Technology LTC1798CS8 Datasheet HTML 2Page - Linear Technology LTC1798CS8 Datasheet HTML 3Page - Linear Technology LTC1798CS8 Datasheet HTML 4Page - Linear Technology LTC1798CS8 Datasheet HTML 5Page - Linear Technology LTC1798CS8 Datasheet HTML 6Page - Linear Technology LTC1798CS8 Datasheet HTML 7Page - Linear Technology LTC1798CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1798 Series
2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Supply Voltage ....................................................... 13V
Input Voltages .......................................... – 0.3v to 13V
Output Voltages ........................................ – 0.3V to 13V
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range
(Note 2) ........................................... – 40
°C to 100°C
Specified Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range (Note 3) ... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC1798CS8
LTC1798CS8-2.5
LTC1798CS8-3
LTC1798CS8-4.1
LTC1798CS8-5
TJMAX = 125°C, θJA = 190°C/W
ORDER PART
NUMBER
Consult factory for parts specified with wider operating temperature range.
S8 PART MARKING
1798
179825
17983
179841
17985
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
DNC*
OUT
DNC*
*DNC
IN
**DNC/FB
GND
S8 PACKAGE
8-LEAD PLASTIC SO
* CONNECTED INTERNALLY. DO NOT
CONNECT EXTERNAL CIRCUITRY TO
THESE PINS
** DNC FOR LTC1798-2.5/LTC1798-3/
LTC1798-4.1/LTC1798-5, FB FOR LTC1798
OUTPUT
TEMPERATURE
TEMPERATURE
PACKAGE TYPE
VOLTAGE
RANGE
ACCURACY
COEFFICIENT
SO-8 (S8)
(V)
(
°C)
(%)
(ppm/
°C)
ORDER NUMBER
PART MARKING
2.5
0 to 70
0.15
40
LTC1798CS8-2.5
179825
3
0 to 70
0.15
40
LTC1798CS8-3
17983
4.096
0 to 70
0.15
40
LTC1798CS8-4.1
179841
5
0 to 70
0.15
40
LTC1798CS8-5
17985
Adjustable
0 to 70
0.4
40
LTC1798CS8
1798
AVAILABLE OPTIO S
The q denotes specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
VIN = VOUT(NOMINAL) + 0.2V, IOUT = 0mA unless otherwise noted. FB = OUT for the LTC1798.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
q
12.6
V
IIN
Input Current
FB = OUT for LTC1798
4.0
6.5
µA
q
8.5
µA
VOUT
Output Voltage (Note 4)
LTC1798, FB = OUT
2.3755
2.385
2.3945
V
LTC1798 ADJ
– 0.4
0.4
%
LTC1798-2.5
2.4963
2.5
2.5037
V
LTC1798-3
2.9955
3
3.0045
V
LTC1798-4.1
4.090
4.096
4.102
V
LTC1798-5
4.9925
5
5.0075
V
LTC1798 All Fixed Options
– 0.15
0.15
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com