Electronic Components Datasheet Search
  English  ▼

X  

DSD Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # DSD
Description  DUCT SMOKE DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

DSD Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  DSD Datasheet HTML 1Page - Greystone Energy Systems Inc. DSD Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
DUCT SMOKE DETECTOR
DSD SERIES
RECTANGULAR
SQUARE
PRODUCT DESCRIPTION
The DSD Series, 4-wire photoelectric duct smoke
detector features a pivoting housing that fits both
square and rectangular footprints and mounts
to round or rectangular ductwork. This unit
senses smoke in the most challenging conditions,
operating in airflow speeds of 100 to 4,000 feet
per minute, temperatures of –20°C to 70°C (–4°F to
158°F), and a humidity range of 0 to 95% (non-
condensing). A plug-in sensor head offers improved
false alarm immunity and simple installation,
testing, and maintenance. An improved cover
design isolates the sensor head from the low-flow
feature for simple maintenance.
The DSD housing provides ample wiring space,
a ¾-inch conduit knockout, and built-in short
circuit protection to prevent damage to sensitive
components during installation. High contrast
terminal designations make wiring easy. With its
2:1 sensor-to-power capability, the power board of
the DSD may be used to monitor a second sensor,
D4S, simultaneously (i.e., supply and return side).
As many as 50 detectors can be interconnected.
When one unit senses smoke, all interconnected
detectors will switch their relays; only the detector
sensing smoke will go into alarm, thus pinpointing
the fire source.
All detectors must be used with a metal sampling
tube, DST series.
SIZE
Rectangular Dimensions: 37cm (14.38in) L, 12.74cm (5in) W, 6.36cm
(2.5in) D
Square Dimensions: 19.7cm (7.75in) L, 22.9cm (9in) W, 6.35 (2.5in) D
WEIGHT
1.14kg (2.5lbs)
OPERATING TEMPERATURE -20 to 70°C (-4 to 158°F)
STORAGE TEMPERATURE
-30 to 70°C (-22 to 158°F)
OPERATING HUMIDITY
0 to 95 %RH, non-condensing
AIR DUCT VELOCITY
0.5 to 20.32 m/sec (100 to 4000 ft/m)
ELECTRICAL RATINGS
DSD120/240
DSD120/240
DSD120
DSD240
POWER SUPPLY VOLTAGE
20-29 Vdc
24Vac 50-60Hz
120Vac 50-60Hz
240 Vac 50-60Hz
INPUT CAPACITANCE
270 µF maximum 270µF minimum N/A
N/A
RESET VOLTAGE
3.0 Vdc minimum 2.0 Vac minimum 10 Vac minimum 20 Vac minimum
REST TIME
(BY POWER DOWN)
0.6 sec. max.
0.6 sec. max.
0.6 sec. max.
0.6 sec. max.
POWER UP TIME
35 sec. max.
35 sec. max.
35 sec. max.
35 sec. max.
ALARM RESPONSE TIME
15 seconds
15 seconds
15 seconds
15 seconds
SENSITIVITY TEST
See detector
label
See detector
label
See detector
label
See detector
label
CURRENT REQUIREMENTS
MAX. STANDBY TEST
21 mA @ 24 Vdc
65 mA RMS @ 24
Vac 60 Hz
20 mA RMS @
120 Vac 60 Hz
10mA @ 240 Vac
60 Hz
MAX. ALARM CURRENT
65 mA @ 24 Vdc
135 mA RMS @
24 Vac 60 Hz
35 mA RMS @
120 Vac 60 Hz
18 mA RMS @
240 Vac 60 Hz
CONTACT RATINGS
Alarm Initiation Contacts (SPST): 2.0A @ 30 Vdc (resistive)
Alarm Auxiliary Contacts (SPST): 10A @ 30 Vdc (resistive); 10A @ 250 Vac
(resistive); 1/2 HP @ 240 Vac; 1/4 HP @ 120 Vac
Note: Alarm auxiliary contacts shall not be connected to initiating circuits
of control panels. Use the alarm initiation contact for this purpose.
Supervisory Contacts (SPST): 2.0A @ 30 Vdc (resistive); 2.0A @ 125 Vac
(resistive)
SPECIFICATIONS


Similar Part No. - DSD

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DSD CRYDOM-DSD Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Advantech Co., Ltd.
DSD-3032 ADVANTECH-DSD-3032 Datasheet
216Kb / 2P
32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
DSD-3032 ADVANTECH-DSD-3032 Datasheet
350Kb / 2P
32 F-HD Digital Signage & Touch Monitor
18-Sep-2018
DSD-3032HNC-L04E ADVANTECH-DSD-3032HNC-L04E Datasheet
216Kb / 2P
32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
DSD-3032N-35FHA1E ADVANTECH-DSD-3032N-35FHA1E Datasheet
344Kb / 2P
32" F-HD Digital Signage & Touch Monitor
More results

Similar Description - DSD

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
Intelligent Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
4-Wire Duct Smoke Detector
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
Duct Smoke Detector Accessories
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
4-Wire Photoelectric Duct Smoke Detector
7251DH SYSTEMSENSOR-7251DH Datasheet
195Kb / 2P
High Sensitivity Duct Smoke Detector
B404B SYSTEMSENSOR-B404B Datasheet
343Kb / 4P
Duct Smoke Detector for Special Applications
DH400ACDCIHT SYSTEMSENSOR-DH400ACDCIHT Datasheet
169Kb / 2P
High-Temperature Duct Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
Intelligent Air Duct Smoke Detector Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com